Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR392BUJZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADR392BUJZ-R2
Description  Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR392BUJZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADR392BUJZ-R2 Datasheet HTML 10Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 11Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 12Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 13Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 14Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 15Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 16Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 17Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADR390/ADR391/ADR392/ADR395
Rev. F | Page 14 of 20
TIME (20
µs/DIV)
VOUT
VIN
VIN = 15V
5V/DIV
2V/DIV
Figure 33. ADR391 Turn-On Response Time at 15 V
TIME (40
µs/DIV)
VOUT
VIN
VIN = 15V
5V/DIV
2V/DIV
Figure 34. ADR391 Turn-Off Response at 15 V
TIME (200
µs/DIV)
CBYPASS = 0.1µF
VIN
VOUT
5V/DIV
2V/DIV
Figure 35. ADR391 Turn-On/Turn-Off Response at 5 V
TIME (200
µs/DIV)
RL = 500Ω
VOUT
VIN
5V/DIV
2V/DIV
Figure 36. ADR391 Turn-On/Turn-Off Response at 5 V
TIME (200
µs/DIV)
RL = 500Ω
CL = 100nF
VOUT
VIN
5V/DIV
2V/DIV
Figure 37. ADR391 Turn-On/Turn-Off Response at 5 V
FREQUENCY (Hz)
10
1M
100
1k
10k
100k
80
60
–120
40
20
0
–20
–40
–60
–80
–100
Figure 38. Ripple Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com