Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR392BUJZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADR392BUJZ-R2
Description  Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR392BUJZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADR392BUJZ-R2 Datasheet HTML 1Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 2Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 3Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 4Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 5Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 6Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 7Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 8Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADR390/ADR391/ADR392/ADR395
Rev. F | Page 2 of 20
TABLE OF CONTENTS
ADR390 Specifications .................................................................... 3
ADR391 Specifications .................................................................... 4
ADR392 Specifications .................................................................... 5
ADR395 Specifications .................................................................... 6
Absolute Maximum Ratings............................................................ 7
Thermal Resistance ...................................................................... 7
ESD Caution.................................................................................. 7
Terminology .......................................................................................8
Typical Performance Characteristics ..............................................9
Theory of Operation ...................................................................... 16
Applications..................................................................................... 17
Basic Voltage Reference Connection ....................................... 17
Outline Dimensions ....................................................................... 19
Ordering Guide .......................................................................... 19
REVISION HISTORY
5/05—Rev. E to Rev. F
Changes to Table 5........................................................................... 7
Changes to Figure 2......................................................................... 9
4/04—Rev. D to Rev. E
Changes to ADR390—Specifications............................................ 3
Changes to ADR391—Specifications............................................ 4
Changes to ADR392—Specifications............................................ 5
Changes to ADR395—Specifications............................................ 6
4/04—Rev. C to Rev. D
Updated Format................................................................ Universal
Changes to Title ............................................................................... 1
Changes to Features......................................................................... 1
Changes to Applications ................................................................. 1
Changes to General Description ................................................... 1
Changes to Table 1........................................................................... 1
Changes to ADR390—Specifications............................................ 3
Changes to ADR391—Specifications............................................ 4
Changes to ADR392—Specifications............................................ 5
Changes to ADR395—Specifications............................................ 6
Changes to Absolute Maximum Ratings ...................................... 7
Changes to Thermal Resistance..................................................... 7
Moved ESD Caution........................................................................ 7
Changes to Figure 3, Figure 4, Figure 7, and Figure 8 ................ 9
Changes to Figure 11, Figure 12, Figure 13, and Figure 14...... 10
Changes to Figure 15, Figure 16, Figure 19, and Figure 20...... 11
Changes to Figure 23 and Figure 24............................................ 12
Changes to Figure 27..................................................................... 13
Changes to Ordering Guide ......................................................... 19
Updated Outline Dimensions...................................................... 19
10/02—Rev. B to Rev. C
Add parts ADR392 and ADR395 ....................................Universal
Changes to Features ........................................................................ 1
Changes to General Description ................................................... 1
Additions to Table I......................................................................... 1
Changes to Specifications............................................................... 2
Changes to Ordering Guide ........................................................... 4
Changes to Absolute Maximum Ratings...................................... 4
New TPCs 3, 4, 7, 8, 11, 12, 15, 16, 19, and 20 ............................ 6
New Figures 4 and 5...................................................................... 13
Deleted A Negative Precision Reference
without Precision Resistors Section ............................................ 13
Edits to General-Purpose Current Source Section ................... 13
Updated Outline Dimensions...................................................... 15
5/02—Rev. A to Rev. B
Edits to Layout ...................................................................Universal
Changes to Figure 6....................................................................... 13
Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com