Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR392BUJZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR392BUJZ-R2
Description  Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR392BUJZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADR392BUJZ-R2 Datasheet HTML 1Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 2Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 3Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 4Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 5Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 6Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 7Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 8Page - Analog Devices ADR392BUJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Micropower, Low Noise Precision Voltage
References with Shutdown
ADR390/ADR391/ADR392/ADR395
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Compact TSOT-23-5 packages
Low temperature coefficient
B grade: 9 ppm/°C
A grade: 25 ppm/°C
Initial accuracy
B grade: ±4 mV maximum
A grade: ±6 mV maximum
Ultralow output noise: 5 µV p-p (0.1 Hz to 10 Hz)
Low dropout: 300 mV
Low supply current
3 µA maximum in shutdown
120 µA maximum in operation
No external capacitor required
Output current: 5 mA
Wide temperature range
−40°C to + 125°C
APPLICATIONS
Battery-powered instrumentation
Portable medical instrumentation
Data acquisition systems
Industrial process controls
Automotive
FUNCTIONAL BLOCK DIAGRAM
1
2
3
ADR390/
ADR391/
ADR392/
ADR395
5
4
SHDN
VIN
VOUT (SENSE)
GND
VOUT (FORCE)
(Not to Scale)
Figure 1. 5-Lead TSOT (UJ Suffix)
Table 1.
Model
VOUT (V)
Temperature
Coefficient (ppm/°C)
Accuracy (mV)
ADR390B
2.048
9
±4
ADR390A
2.048
25
±6
ADR391B
2.5
9
±4
ADR391A
2.5
25
±6
ADR392B
4.096
9
±5
ADR392A
4.096
25
±6
ADR395B
5.0
9
±5
ADR395A
5.0
25
±6
GENERAL DESCRIPTION
The ADR390, ADR391, ADR392, and ADR395 are precision
2.048 V, 2.5 V, 4.096 V, and 5 V band gap voltage references,
respectively, featuring low power and high precision in a tiny
footprint. Using ADI’s patented temperature drift curvature
correction techniques, the ADR39x references achieve a low
9 ppm/°C of temperature drift in the TSOT package.
The ADR39x family of micropower, low dropout voltage
references provides a stable output voltage from a minimum
supply of 300 mV above the output. Their advanced design
eliminates the need for external capacitors, which further
reduces board space and system cost. The combination of
low power operation, small size, and ease of use makes the
ADR39x precision voltage references ideally suited for battery-
operated applications.


Similar Part No. - ADR392BUJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR392BUJZ-R2 AD-ADR392BUJZ-R2 Datasheet
431Kb / 20P
Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
ADR392BUJZ-R21 AD-ADR392BUJZ-R21 Datasheet
431Kb / 20P
Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
More results

Similar Description - ADR392BUJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR380 AD-ADR380 Datasheet
316Kb / 12P
Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
7/04-Data Sheet Changed from Rev. 0 to Rev. A.
ADR318 AD-ADR318 Datasheet
492Kb / 8P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV.0
ADR370 AD-ADR370 Datasheet
182Kb / 12P
Precision Low Power 2.048 V SOT-23 Voltage Reference
7/03-Data Sheet changed from REV. 0 to REV. A.
ADR292GRZ AD-ADR292GRZ Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR291 AD-ADR291_15 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com