Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV243 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV243
Description  Single-Channel, Quad-Band GSM Power Controller in micro SMD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV243 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV243 Datasheet HTML 1Page - National Semiconductor (TI) LMV243 Datasheet HTML 2Page - National Semiconductor (TI) LMV243 Datasheet HTML 3Page - National Semiconductor (TI) LMV243 Datasheet HTML 4Page - National Semiconductor (TI) LMV243 Datasheet HTML 5Page - National Semiconductor (TI) LMV243 Datasheet HTML 6Page - National Semiconductor (TI) LMV243 Datasheet HTML 7Page - National Semiconductor (TI) LMV243 Datasheet HTML 8Page - National Semiconductor (TI) LMV243 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Electrical Characteristics Unless otherwise specified, all limits are guaranteed to T
J = 25˚C. VDD = 2.8V.
Boldface limits apply at temperature extremes. (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
O
Output Swing from Rail
Sourcing, I
O = 5mA
55
85
105
mV
Sinking, I
O = −5mA
45
75
95
I
O
Output Short Circuit Current
(Note 3)
Sourcing, V
O =0V
25
145
mA
Sinking, V
O = 2.8V
25
180
e
n
Output Referred Noise
RF input = 1800 MHz,
-10dBm, 20k
Ω // 27pF
between V
OUT and VCOMP,
V
OUT =1.4V, set by VRAMP,
(Note 8)
700
nV/
SR
Slew Rate
8
5
11
V/µs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model: 1.5k
Ω in series with 100pF. Machine model, 0Ω in series with 100pF.
Note 3: Shorting circuit output to either V+ or V− will adversely affect reliability.
Note 4: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ > TA.
Note 5: Power in dBV = dBm + 13 when the impedance is 50
Ω.
Note 6: The maximum power dissipation is a function of TJ(MAX) , θJA and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(TJ(MAX) -TA)/θJA. All numbers apply for packages soldered directly into a PC board
Note 7: All limits are guaranteed by design or statistical analysis
Note 8: Typical values represent the most likely parametric norm.
Note 9: Slope and intercept are calculated from graphs ’VOUT vs. RF input Power’ where the current is obtained by division of the voltage by 20kΩ.
Connection Diagram
8-Bump micro SMD
20029035
Top View
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com