Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV243 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV243
Description  Single-Channel, Quad-Band GSM Power Controller in micro SMD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV243 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV243 Datasheet HTML 1Page - National Semiconductor (TI) LMV243 Datasheet HTML 2Page - National Semiconductor (TI) LMV243 Datasheet HTML 3Page - National Semiconductor (TI) LMV243 Datasheet HTML 4Page - National Semiconductor (TI) LMV243 Datasheet HTML 5Page - National Semiconductor (TI) LMV243 Datasheet HTML 6Page - National Semiconductor (TI) LMV243 Datasheet HTML 7Page - National Semiconductor (TI) LMV243 Datasheet HTML 8Page - National Semiconductor (TI) LMV243 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMV243
Single-Channel, Quad-Band GSM Power Controller in
micro SMD
General Description
The device is intended for use within an RF transmit power
control loop in GSM mobile phones and supports GaAs HBT
and bipolar RF single supply power amplifiers. The circuit
operates with a single supply from 2.7V to 3.3V.
The LMV243 contains an RF detector, error amplifier, ramp
V/I converter and output driver. The LMV243 input interface
consists of the RF input, Ramp voltage, and a digital input to
perform the function ’Shutdown/Transmit Enable’. The de-
vice will be active in the case TX_EN = HI, otherwise, the
device goes into a low power consumption shutdown mode.
During shutdown the output will be in high impedance
(tri-state).
A single external RC combination is used to provide stable
operations that accommodates individual PA characteristics.
The LMV243 is offered in a 8-bump micro SMD 1.5mm x
1.5mm package. This space savings package supports flex-
ible product placement almost anywhere in the circuitboard.
Features
(Typical Unless Otherwise Noted)
n
50dB RF detection range (typical)
n
micro SMD package 1.5mm x 1.5mm x 0.995mm
n
Support of GaAs HBT, bipolar technology
n
Quad-band operation
n
Shutdown mode for Power Save in Rx slot
n
GPRS compliant
n
External loop compensation option
n
Accurate temperature compensation
n
Frequency range is 450MHz to 2GHz
Applications
n
GSM mobile phone
n
AGC for digital audio
n
TDMA RF control
n
Wireless LAN
Typical Application
20029034
May 2002
© 2002 National Semiconductor Corporation
DS200290
www.national.com


Similar Part No. - LMV243

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Texas Instruments
LMV242 TI-LMV242 Datasheet
1,009Kb / 25P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
LMV242 TI2-LMV242 Datasheet
607Kb / 24P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
REVISED MAY 2013
LMV242 TI2-LMV242 Datasheet
1,017Kb / 23P
LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
REVISED JUNE 2025
LMV2421 TI2-LMV2421 Datasheet
1,017Kb / 23P
LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
REVISED JUNE 2025
More results

Similar Description - LMV243

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
Quad Band GSM/GPRS Power Amplifier Module
logo
National Semiconductor ...
LMV248 NSC-LMV248 Datasheet
289Kb / 11P
Dual Band GSM Power Controller
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Skyworks Solutions Inc.
AP137-501 SKYWORKS-AP137-501 Datasheet
36Kb / 4P
Quad-Band GSM Power Amplifier Module
logo
rfsolutions.ltd
ANT-GSMQB RFSOLUTIONS-ANT-GSMQB Datasheet
43Kb / 1P
GSM Antenna Quad Band
logo
RF Micro Devices
RF3235 RFMD-RF3235 Datasheet
188Kb / 2P
QUAD-BAND GSM
RF3237 RFMD-RF3237 Datasheet
190Kb / 2P
QUAD-BAND GSM
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7788 AVAGO-ACPM-7788 Datasheet
282Kb / 3P
Quad Band GSM/EDGE
logo
Quectel Wireless Soluti...
M95 QUECTEL-M95 Datasheet
1Mb / 2P
Quad-band GSM/GPRS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com