Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV243 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV243
Description  Single-Channel, Quad-Band GSM Power Controller in micro SMD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV243 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV243 Datasheet HTML 1Page - National Semiconductor (TI) LMV243 Datasheet HTML 2Page - National Semiconductor (TI) LMV243 Datasheet HTML 3Page - National Semiconductor (TI) LMV243 Datasheet HTML 4Page - National Semiconductor (TI) LMV243 Datasheet HTML 5Page - National Semiconductor (TI) LMV243 Datasheet HTML 6Page - National Semiconductor (TI) LMV243 Datasheet HTML 7Page - National Semiconductor (TI) LMV243 Datasheet HTML 8Page - National Semiconductor (TI) LMV243 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Pin Descriptions
Pin
Name
Description
Power Supply
A3
V
DD
Supply Voltage
A2, C3
GND
Power Ground. Operation requires both pins be grounded.
Digital Inputs
C2
TX_EN
A Logic High to enable device.
Analog Inputs
B3
RF IN
RF Input connected to the Coupler output with optional attenuation to measure the
Power Amplifier (PA) / Antenna RF power levels.
C1
RAMP IN
Sets the RF output power level. The useful input voltage range is from 0.2V to 1.8V,
although voltages from 0V to V
DD are allowed.
Compensation
A1
Comp
Connects an external RC network between the Comp pin and the Output pin for an
overall loop compensation and to control the closed loop frequency response.
Conventional loop stability techniques can be used in selecting this network, such as
Bode plots. A good starting value for the RC combination will be C = 68pF andR=0
Ω.
Output
B1
Out
A rail-to-rail output capable of sourcing 25mA and sinking 25mA, with less than 200mV
total voltage drop over the specified temperature. The output is free from glitches when
enabled by TX_EN. When TX_EN is low, the output voltage is near GND.
Note: 1. All inputs and outputs are referenced to GND (pin A2, C3).
2. For the digital inputs, a LOW is < 0.8V and a HIGH is > 1.8V.
3. RF power detection is performed internally in the LMV243 and only an RF power coupler with optional extra attenuation has to be used.
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
8-Bump micro SMD
LMV243BL
01
1k Units Tape and Reel
BLA08AAC
LMV243BLX
01
3k Units tape and Reel
Block Diagram
20029036
FIGURE 1.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com