Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV243 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV243
Description  Single-Channel, Quad-Band GSM Power Controller in micro SMD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV243 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV243 Datasheet HTML 1Page - National Semiconductor (TI) LMV243 Datasheet HTML 2Page - National Semiconductor (TI) LMV243 Datasheet HTML 3Page - National Semiconductor (TI) LMV243 Datasheet HTML 4Page - National Semiconductor (TI) LMV243 Datasheet HTML 5Page - National Semiconductor (TI) LMV243 Datasheet HTML 6Page - National Semiconductor (TI) LMV243 Datasheet HTML 7Page - National Semiconductor (TI) LMV243 Datasheet HTML 8Page - National Semiconductor (TI) LMV243 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
V
DD - GND
4V Max
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
200V
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (Note 6)
150˚C Max
Mounting Temperature
Infrared or convection (20 sec)
235˚C
Operating Ratings (Note 1)
Nominal Supply Voltage
2.7V to 3.3V
Temperature Range
−40˚C < T
J < 85˚C
V
RAMP Voltage Range
0V to 2V
V
HOME Voltage Range
0V to 2V
RF Frequency Range
450MHz to 2GHz
Electrical Characteristics Unless otherwise specified, all limits are guaranteed to T
J = 25˚C. VDD = 2.8V.
Boldface limits apply at temperature extremes.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
DD
Supply Current
V
OUT =(VDD - GND)/2
8.7
10.5
12.5
mA
In Shutdown (TX_EN = 0.8V)
V
OUT =(VDD - GND)/2
4.6
30
µA
V
HIGH
Logic Level to Enable Power
(Note 7)
1.8
V
V
LOW
Logic Level to Disable Power
(Note 7)
0.8
V
T
ON
Turn-on- Time from Shutdown
3.7
6.5
7.5
µs
I
EN
Current into TX_EN Pin
0.108
5
µA
RAMP Amplifier
V
RD
V
RAMP Deadband
170
150
210
250
270
mV
1/R
RAMP
Transconductance
(Note 8)
78
µa/V
I
OUT RAMP
Ramp Amplifier Output Current
V
RAMP =2V
100
140
µA
RF Input
P
IN
RF Input Power Range (Note 5)
20k
Ω // 27pF between V
OUT
and V
COMP
−50
+5
dBm
−63
−7
dBV
Logarithmic Slope (Note 9)
@ 900MHz, 20k
Ω // 27pF
between V
OUT and VCOMP
−1.79
µa/dB
@ 1800MHz, 20k
Ω // 27pF
between V
OUT and VCOMP
−1.89
@ 1900MHz, 20k
Ω // 27pF
between V
OUT and VCOMP
−1.89
Logarithmic Intercept (Note 9)
@ 900MHz, 20k
Ω // 27pF
between V
OUT and VCOMP
−50.5
dBm
@ 1800MHz, 20k
Ω // 27pF
between V
OUT and VCOMP
−46.9
@ 1900MHz, 20k
Ω // 27pF
between V
OUT and VCOMP
−45.9
R
IN
DC Resistance
(Note 8)
50
Ω
C
IN
Input Capacitance
(Note 8)
0.5
pF
Error Amplifier
GBW
Gain-Bandwidth Product
(Note 8)
7.6
MHz
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com