Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C93XAPM Datasheet(PDF) 13 Page - SMSC Corporation

Part # FDC37C93XAPM
Description  Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C93XAPM Datasheet(HTML) 13 Page - SMSC Corporation

Back Button FDC37C93XAPM Datasheet HTML 9Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 10Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 11Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 12Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 13Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 14Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 15Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 16Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 280 page
background image
13
BUFFER TYPE DESCRIPTIONS
BUFFER TYPE
DESCRIPTION
I
Input, TTL compatible.
IS
Input with Schmitt trigger.
I/OD16P
Input/Output, 16mA sink, 90uA pull-up.
I/O24
Input/Output, 24mA sink, 12mA source.
I/O4
Input/Output, 4mA sink, 2mA source.
O4
Output, 4mA sink, 2mA source.
O8SR
Output, 8mA sink, 4mA source with Slew Rate Limiting.
O16SR
Output, 16mA sink, 8mA source with Slew Rate Limiting.
O20
Output, 20mA sink, 10mA source.
O24
Output, 24mA sink, 12mA source.
OD24
Output, Open Drain, 24mA sink.
OD48
Output, Open Drain, 48mA sink.
ICLK
Clock Input
ICLK2
Clock Input
OCLK2
Clock Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com