Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C93XAPM Datasheet(PDF) 39 Page - SMSC Corporation

Part # FDC37C93XAPM
Description  Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C93XAPM Datasheet(HTML) 39 Page - SMSC Corporation

Back Button FDC37C93XAPM Datasheet HTML 35Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 36Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 37Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 38Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 39Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 40Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 41Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 42Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 280 page
background image
39
DMA Mode - Transfers from the Host to the
FIFO
The FDC activates the FDRQ pin when entering
the
execution
phase
of
the
data
transfer
commands. The DMA controller must respond
by activating the nDACK and nIOW pins and
placing data in the FIFO. FDRQ remains active
until the FIFO becomes full. FDRQ is again set
true when the FIFO has <threshold> bytes
remaining in the FIFO. The FDC will also
deactivate the FDRQ pin when TC becomes true
(qualified by nDACK), indicating that no more
data is required.
FDRQ goes inactive after
nDACK goes active for the last byte of a data
transfer (or on the active edge of nIOW of the
last byte, if no edge is present on nDACK). A
data overrun may occur if FDRQ is not removed
in time to prevent an unwanted cycle.
Data Transfer Termination
The FDC supports terminal count explicitly
through the TC pin and implicitly through the
underrun/overrun
and
end-of-track
(EOT)
functions.
For full sector transfers, the EOT
parameter can define the last sector to be
transferred in a single or multi-sector transfer.
If the last sector to be transferred is a partial
sector, the host can stop transferring the data in
mid-sector, and the FDC will continue to
complete the sector as if a hardware TC was
received.
The only difference between these
implicit functions and TC is that they return
"abnormal termination" result status.
Such
status indications can be ignored if they were
expected.
Note that when the host is sending data to the
FIFO of the FDC, the internal sector count will
be complete when the FDC reads the last byte
from its side of the FIFO. There may be a delay
in the removal of the transfer request signal of
up to the time taken for the FDC to read the last
16 bytes from the FIFO. The host must tolerate
this delay.
Result Phase
The
generation
of
FINT
determines
the
beginning of the result phase. For each of the
commands, a defined set of result bytes has to
be read from the FDC before the result phase is
complete. These bytes of data must be read out
for another command to start.
RQM and DIO must both equal "1" before the
result bytes may be read.
After all the result
bytes have been read, the RQM and DIO bits
switch to "1" and "0" respectively and the CB bit
is cleared, indicating that the FDC is ready to
accept the next command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com