Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C93XAPM Datasheet(PDF) 92 Page - SMSC Corporation

Part # FDC37C93XAPM
Description  Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C93XAPM Datasheet(HTML) 92 Page - SMSC Corporation

Back Button FDC37C93XAPM Datasheet HTML 88Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 89Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 90Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 91Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 92Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 93Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 94Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 95Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 96Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 280 page
background image
92
EPP 1.7 OPERATION
When the EPP 1.7 mode is selected in the
configuration register, the standard and bi-
directional modes are also available. If no EPP
Read, Write or Address cycle is currently
executing, then the PDx bus is in the standard or
bi-directional mode, and all output signals
(STROBE, AUTOFD, INIT) are as set by the
SPP Control Port and direction is controlled by
PCD of the Control port.
In EPP mode, the system timing is closely
coupled to the EPP timing. For this reason, a
watchdog timer is required to prevent system
lockup.
The timer indicates if more than 10
µsec have elapsed from the start of the EPP
cycle (nIOR or nIOW asserted) to the end of the
cycle nIOR or nIOW deasserted). If a time-out
occurs, the current EPP cycle is aborted and the
time-out condition is indicated in Status bit 0.
Software Constraints
Before an EPP cycle is executed, the software
must ensure that the control register bits D0, D1
and D3 are set to zero. Also, bit D5 (PCD) is a
logic "0" for an EPP write or a logic "1" for and
EPP read.
EPP 1.7 Write
The timing for a write operation (address or
data) is shown in timing diagram EPP 1.7 Write
Data or Address cycle.
IOCHRDY is driven
active low when nWAIT is active low during the
EPP cycle. This can be used to extend the cycle
time.
The write cycle can complete when
nWAIT is inactive high.
Write Sequence of Operation
1.
The host sets PDIR bit in the control
register to a logic "0".
This asserts
nWRITE.
2.
The host selects an EPP register, places
data on the SData bus and drives nIOW
active.
3.
The chip places address or data on PData
bus.
4.
Chip asserts nDATASTB or nADDRSTRB
indicating that PData bus contains valid
information, and the WRITE signal is valid.
5.
If
nWAIT
is
asserted,
IOCHRDY
is
deasserted until the peripheral deasserts
nWAIT or a time-out occurs.
6.
When the host deasserts nIOW the chip
deasserts nDATASTB or nADDRSTRB and
latches the data from the SData bus for the
PData bus.
7.
Chip may modify nWRITE, PDIR and
nPDATA in preparation of the next cycle.
EPP 1.7 Read
The timing for a read operation (data) is shown
in timing diagram EPP 1.7 Read Data cycle.
IOCHRDY is driven active low when nWAIT is
active low during the EPP cycle. This can be
used to extend the cycle time. The read cycle
can complete when nWAIT is inactive high.
Read Sequence of Operation
1.
The host sets PDIR bit in the control
register to a logic "1".
This deasserts
nWRITE and tri-states the PData bus.
2.
The host selects an EPP register and drives
nIOR active.
3.
Chip asserts nDATASTB or nADDRSTRB
indicating that PData bus is tri-stated, PDIR
is set and the nWRITE signal is valid.
4.
If
nWAIT
is
asserted,
IOCHRDY
is
deasserted until the peripheral deasserts
nWAIT or a time-out occurs.
5.
The Peripheral drives PData bus valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com