Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C93XAPM Datasheet(PDF) 21 Page - SMSC Corporation

Part # FDC37C93XAPM
Description  Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C93XAPM Datasheet(HTML) 21 Page - SMSC Corporation

Back Button FDC37C93XAPM Datasheet HTML 17Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 18Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 19Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 20Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 21Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 22Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 23Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 24Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 280 page
background image
21
DIGITAL OUTPUT REGISTER (DOR)
Address 3F2 READ/WRITE
The DOR controls the drive select and motor
enables
of
the
disk
interface
outputs. It
also contains the enable for the DMA logic and a
software reset bit. The contents of the DOR are
unaffected by a software reset. The DOR can
be written to at any time.
BIT 0 and 1 DRIVE SELECT
These two bits are binary encoded for the four drive
selects DS0 -DS3, thereby allowing only one drive to
be selected at one time.
BIT 2 nRESET
A logic "0" written to this bit resets the floppy disk
controller. This reset will remain active until a logic
"1" is written to this bit. This software reset does not
affect the DSR and CCR registers, nor does it affect
the other bits of the DOR register.
The minimum
reset duration required is 100ns, therefore toggling
this bit by consecutive writes to this register is a valid
method of issuing a software reset.
BIT 3 DMAEN
PC/AT and Model 30 Mode:
Writing this bit to logic "1" will enable the DRQ,
nDACK, TC and FINTR outputs. When this bit is a a
logic "0" it disables the nDACK and TC inputs and
holds the DRQ and FINTR outputs in a high
impedance state. This bit is a logic "0" after a reset
and in these modes.
PS/2 Mode: In this mode the DRQ, nDACK, TC and
FINTR pins are always enabled. During a reset, the
DRQ, nDACK, TC, and FINTR pins will remain
enabled, but this bit will be cleared to a logic "0".
BIT 4 MOTOR ENABLE 0
This bit controls the MTR0 disk interface output. A
logic "1" in this bit will cause the output pin to go
active.
BIT 5 MOTOR ENABLE 1
This bit controls the MTR1 disk interface output. A
logic "1" in this bit will cause the output pin to go
active.
BIT 6 MOTOR ENABLE 2
This bit controls the MTR2 disk interface output. A
logic "1" in this bit will cause the output pin to go
active.
BIT 7 MOTOR ENABLE 3
This bit controls the MTR3 disk interface output. A
logic "1" in this bit causes the output to go active.
Table 3 - Drive Activation Values
7
6
5
4
3
2
1
0
MOT
EN3
MOT
EN2
MOT
EN1
MOT
EN0
DMAEN nRESE
T
DRIVE
SEL1
DRIVE
SEL0
RESET
COND.
0
0
0
0
0
0
0
0
DRIVE
DOR VALUE
0
1
2
3
1CH
2DH
4EH
8FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com