Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VY1COMPACT Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VY1COMPACT
Description  Singlelayer AC disc safety capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY1COMPACT Datasheet(HTML) 6 Page - Vishay Siliconix

  VY1COMPACT Datasheet HTML 1Page - Vishay Siliconix VY1COMPACT Datasheet HTML 2Page - Vishay Siliconix VY1COMPACT Datasheet HTML 3Page - Vishay Siliconix VY1COMPACT Datasheet HTML 4Page - Vishay Siliconix VY1COMPACT Datasheet HTML 5Page - Vishay Siliconix VY1COMPACT Datasheet HTML 6Page - Vishay Siliconix VY1COMPACT Datasheet HTML 7Page - Vishay Siliconix VY1COMPACT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VY1 Compact Series
www.vishay.com
Vishay BCcomponents
Revision: 16-Jan-17
6
Document Number: 28555
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE
TEST
TEST CONDITION
TEST LIMITS
Visual and mechanical
inspection
Optical inspection, dimensions measured with caliper
No visible damage, marking legible
Capacitance (C)
25 °C ± 3 °C , relative humidity (RH)
 75 %,
1.0 VRMS ± 0.2 VRMS at 1 kHz
Capacitance within specified tolerance
Dissipation factor (DF)
DF
 2.5 %
Insulation resistance (IR)
Measured within 60 s ± 5 s after charging at 500 VDC
10 000 M
 min.
Dielectric strength
4000 VAC at 50 Hz/60 Hz for 1 min, 50 mA max.
No failure
Temperature
characteristic
RH
 75 %, 1.0 V
RMS ± 0.2 VRMS at 1 kHz
+22 % / -56 %
Impulse voltage
Pulse voltage: 10 kV
Pulses per polarity: 10
Polarity: ± (both)
Time between pulses of same polarity: 20 s
Time between pulses of different polarity: 30 s
No failure
Life test
1000 h at 125 °C ± 2 °C, 850 VAC / 50 Hz;
once every hour 1000 VAC for 0.1 s
External appearance: no visible damage
C/C  ± 15 %
DF
 5 %
IR
 3000 M
Dielectric strength: no failure
Damp heat test
(85 / 85 / 1000 h)
1000 h + 48 h / - 0 h at 85 % relative humidity, 85 °C ± 3 °C,
loading voltage: 760 VAC
No failure
Humidity test
500 h at 500 VAC, 50 Hz and 500 h unloaded
40 °C, RH = 90 % to 95%
External appearance: no visible damage
C/C  ± 15 %
DF
 5 %
IR
 3000 M
Dielectric strength: no failure
Robustness of
termination
Pull test: 0.5 kg tensile weight in radial direction for 10 s ± 1 s
Bending strength: capacitor body rotated by 90° in both directions
No damage to capacitor body and lead wire
Soldering effect
Immersion of lead wires into 260 °C ± 5 °C solder for 10 s ± 2 s;
min. distance from body: 1.5 mm
Hand soldering at 400 °C ± 10 °C for 3 s to 4 s;
min. distance from body: 1.5 mm
External appearance: no visible damage
C/C  ± 10 %
Dielectric strength: no failure
Vibration test
Solder the capacitor onto test jig (glass epoxy body) and use resin
(adhesive) to stick the body to the test jig.
The capacitor must be soldered firmly to the supporting lead wire.
Vibration change from 10 Hz to 2000 Hz and back to 10 Hz;
Total amplitude: 1.5 mm; Acceleration: 100 m/s2;
Sweep rate: 1 oct/min, each axis 2 h (6 h in total)
External appearance: no visible damage
Capacitance within specified tolerance
DF
 2.5 %
IR
 10 000 G
Resin (adhesive)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com