Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VY1COMPACT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VY1COMPACT
Description  Singlelayer AC disc safety capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY1COMPACT Datasheet(HTML) 1 Page - Vishay Siliconix

  VY1COMPACT Datasheet HTML 1Page - Vishay Siliconix VY1COMPACT Datasheet HTML 2Page - Vishay Siliconix VY1COMPACT Datasheet HTML 3Page - Vishay Siliconix VY1COMPACT Datasheet HTML 4Page - Vishay Siliconix VY1COMPACT Datasheet HTML 5Page - Vishay Siliconix VY1COMPACT Datasheet HTML 6Page - Vishay Siliconix VY1COMPACT Datasheet HTML 7Page - Vishay Siliconix VY1COMPACT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VY1 Compact Series
www.vishay.com
Vishay BCcomponents
Revision: 16-Jan-17
1
Document Number: 28555
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AC Line Rated Ceramic Disc Capacitors
Class X1, 760 VAC, Class Y1, 500 VAC
OPERATING TEMPERATURE RANGE
-40 °C to +125 °C
TEMPERATURE CHARACTERISTICS
Y5U
SECTIONAL SPECIFICATIONS
Climatic category (according to EN 60058-1)
40/125/21
COATING
According to UL 94 V-0
Epoxy resin, isolating, flame retardant
Halogen-free
Reinforced insulation
APPROVALS
IEC 60384-14.4
UL 60384-14
DIN EN 60384-14
CSA E60384-1:03, CSA E60384-14:09
CQC11-471112-2009
PACKAGING
Bulk, tape and reel, taped ammopack
FEATURES
• Complying with IEC 60384-14 4th edition
• Can pass 10 kV pulses (10 per polarity)
• Withstands 85 / 85 / 1000 h test
• Reduced size (compact design)
• High reliability
• Vertical (inline) kinked or straight leads
• Singlelayer AC disc safety capacitors
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• X1, Y1 according to IEC 60384-14.4
• Across-the-line
• Line by-pass
• Antenna coupling
DESIGN
The capacitor consists of a ceramic disc which is copper
plated on both sides. Connection leads are made of tinned
copper clad steel having a diameter of 0.6 mm.
The capacitors may be supplied with vertical (inline) kinked
leads having a lead spacing of 10.0 mm, or 12.5 mm.
Encapsulation is made of flame retardant epoxy resin
in
accordance with UL 94 V-0.
CAPACITANCE RANGE
470 pF to 4700 pF
RATED VOLTAGE UR
IEC 60384-14.4:
(X1): 760 VAC, 50 Hz
(Y1): 500 VAC, 50 Hz
TEST VOLTAGE
Component test (100 %):
4000 VAC, 50 Hz, 2 s
Random sampling test (destructive test):
4000 VAC, 50 Hz, 60 s
Voltage proof of coating (destructive test):
4000 VAC, 50 Hz, 60 s
INSULATION RESISTANCE
 10 000 M
CAPACITANCE TOLERANCE
± 20 %
DISSIPATION FACTOR
Max. 2.5 % (1 kHz)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
2
Ceramic Dielectric
Y5U
Y5U
Voltage (VAC)
500
760
Min. Capacitance (pF)
470
Max. Capacitance (pF)
4700
Mounting
Radial


Similar Part No. - VY1COMPACT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1 VISHAY-VY1 Datasheet
190Kb / 8P
Singlelayer AC disc safety capacitors
16-Jan-17
VY1 VISHAY-VY1 Datasheet
207Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
16-Sep-2021
VY1 VISHAY-VY1 Datasheet
199Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
28-Jan-2022
VY1100K31U2JG6V0 VISHAY-VY1100K31U2JG6V0 Datasheet
452Kb / 6P
AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
12-Apr-10
VY1100K31U2JG6V0 VISHAY-VY1100K31U2JG6V0 Datasheet
452Kb / 6P
AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
12-Apr-10
More results

Similar Description - VY1COMPACT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
14-Mar-08
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
15-Oct-09
logo
Panasonic Semiconductor
ECK-ATS102ME PANASONIC-ECK-ATS102ME Datasheet
345Kb / 6P
Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
Ceramic Disc Capacitors (Safety Regulations)
logo
Vishay Siliconix
564R30GAS10 VISHAY-564R30GAS10 Datasheet
80Kb / 5P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors
24-Apr-13
HSZ271MAQBRBKR VISHAY-HSZ271MAQBRBKR Datasheet
83Kb / 4P
Ceramic Singlelayer DC Disc Capacitors
08-Oct-13
HBE472MBBCF0KR VISHAY-HBE472MBBCF0KR Datasheet
84Kb / 4P
Ceramic Singlelayer DC Disc Capacitors, 2 kVDC General Purpose
12-Sep-13
VY1 VISHAY-VY1 Datasheet
190Kb / 8P
Singlelayer AC disc safety capacitors
16-Jan-17
HVCC VISHAY-HVCC Datasheet
190Kb / 10P
High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
20-Apr-2021
HVCCSERIES VISHAY-HVCCSERIES Datasheet
202Kb / 11P
High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
19-Jul-2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com