Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VY1COMPACT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VY1COMPACT
Description  Singlelayer AC disc safety capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY1COMPACT Datasheet(HTML) 3 Page - Vishay Siliconix

  VY1COMPACT Datasheet HTML 1Page - Vishay Siliconix VY1COMPACT Datasheet HTML 2Page - Vishay Siliconix VY1COMPACT Datasheet HTML 3Page - Vishay Siliconix VY1COMPACT Datasheet HTML 4Page - Vishay Siliconix VY1COMPACT Datasheet HTML 5Page - Vishay Siliconix VY1COMPACT Datasheet HTML 6Page - Vishay Siliconix VY1COMPACT Datasheet HTML 7Page - Vishay Siliconix VY1COMPACT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VY1 Compact Series
www.vishay.com
Vishay BCcomponents
Revision: 16-Jan-17
3
Document Number: 28555
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack
STRAIGHT LEADS
The sprocket hole pitch (P0) is 12.7 mm for lead spacing 10.0 mm and 12.5 mm
PACKAGING
CAPACITANCE
VALUE
SIZE CODE
BODY DIAMETER
Dmax.
(mm)
PACKAGING QUANTITIES
BULK
REEL
AMMO
470 pF to 2700 pF
29 to 47
12.0
1000
500
750
3300 pF to 4700 pF
51 to 61
15.5
500
500
750
D
max.
F
d = 0.6 mm
coating
extension
3.0 max.
e
30 mm to 3.0 mm (
ΔR)
T
max.
A
detail A
D
0
L
1
F
L
P
1
P
2
P
0
t
t
1
T
D
P
ΔP
Ø d
F
W
1
W
2
W
0 W
H
0
H
1
ΔP
Δh
Δh



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com