Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VY1COMPACT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VY1COMPACT
Description  Singlelayer AC disc safety capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY1COMPACT Datasheet(HTML) 2 Page - Vishay Siliconix

  VY1COMPACT Datasheet HTML 1Page - Vishay Siliconix VY1COMPACT Datasheet HTML 2Page - Vishay Siliconix VY1COMPACT Datasheet HTML 3Page - Vishay Siliconix VY1COMPACT Datasheet HTML 4Page - Vishay Siliconix VY1COMPACT Datasheet HTML 5Page - Vishay Siliconix VY1COMPACT Datasheet HTML 6Page - Vishay Siliconix VY1COMPACT Datasheet HTML 7Page - Vishay Siliconix VY1COMPACT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VY1 Compact Series
www.vishay.com
Vishay BCcomponents
Revision: 16-Jan-17
2
Document Number: 28555
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Straight leads available on request
• Coating extension DR valid for straight leads only
DIMENSIONS in millimeters
TECHNICAL DATA
CAPACITANCE
C (pF)
CAPACITANCE
TOLERANCE
(%)
BODY
DIAMETER
Dmax. (mm)
BODY
THICKNESS
Tmax. (mm)
LEAD SPACING
F (mm) ± 1 mm
PART NUMBER
MISSING DIGITS SEE
ORDERING CODE BELOW
470
± 20
7.5
5.0
10.0 or 12.5
VY1471M29Y5UC6###
680
VY1681M29Y5UC6###
1000
8.0
VY1102M31Y5UC6###
1500
9.0
VY1152M35Y5UC6###
2200
11.0
VY1222M43Y5UC6###
2700
12.0
VY1272M47Y5UC6###
3300
13.0
VY1332M51Y5UC6###
3900
15.0
VY1392M59Y5UC6###
4700
15.5
VY1472M61Y5UC6###
ORDERING CODE
#7th digit
Capacitance tolerance
± 20 % = M
###
15th to 17th digit
Lead configuration
Available configurations see below
Example
VY1
471
M
29
Y5U
C
6
TV
0
Series
Capacitance
value
Tolerance
code
Size code
Temperature
coefficient
Rated
voltage
Lead wire
diameter
Packaging /
lead length
Lead
style
Lead
spacing
Compact
size
3 = bulk
T = tape
and reel
U =
ammopack
L =
straight
V = inline
kinked
0 = 10.0
X = 12.5
SH = 4.0 max.
L = 30.0 ± 5.0
T
max.
D
max.
F
Ø 0.6 ± 0.05
e = 3.0 max.
Capacitors with 10.0 mm or 12.5 mm lead spacing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com