Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV822MM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV822MM
Description  Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV822MM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMV822MM Datasheet HTML 2Page - National Semiconductor (TI) LMV822MM Datasheet HTML 3Page - National Semiconductor (TI) LMV822MM Datasheet HTML 4Page - National Semiconductor (TI) LMV822MM Datasheet HTML 5Page - National Semiconductor (TI) LMV822MM Datasheet HTML 6Page - National Semiconductor (TI) LMV822MM Datasheet HTML 7Page - National Semiconductor (TI) LMV822MM Datasheet HTML 8Page - National Semiconductor (TI) LMV822MM Datasheet HTML 9Page - National Semiconductor (TI) LMV822MM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
5V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 5V, V − = 0V, V
CM = 2.0V, VO = 2.5V and R L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 5)
LMV821/822/824
Limit (Note 6)
Units
I
O
Output Current
Sourcing, V
O=0V
45
20
mA
15
min
Sinking, V
O=5V
40
20
mA
15
min
I
S
Supply Current
LMV821 (Single)
0.30
0.4
mA
0.6
max
LMV822 (Dual)
0.5
0.7
mA
0.9
max
LMV824 (Quad)
1.0
1.3
mA
1.5
max
5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 5V, V − = 0V, V
CM = 2V, VO = 2.5V and R L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LMV821/822/824 Limit
(Note 6)
Units
SR
Slew Rate
(Note 7)
2.0
1.4
V/µs
min
GBW
Gain-Bandwdth Product
5.6
MHz
Φ
m
Phase Margin
67
Deg.
G
m
Gain Margin
15
dB
Amp-to-Amp Isolation
(Note 8)
135
dB
e
n
Input-Related Voltage Noise
f = 1 kHz, V
CM =1V
24
i
n
Input-Referred Current Noise
f = 1 kHz
0.25
THD
Total Harmonic Distortion
f = 1 kHz, A
V = −2,
R
L =10kΩ,VO = 4.1 VPP
0.01
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series wth 100 pF. Machine model, 200Ω in series with 100 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C. Output currents in excess of 45 mA over long term may adversely affect reliability.
Note 4: The maximum power dissipation is a function of TJ(max) , θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD =(TJ-
(max)
–T A)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: V+ = 5V. Connected as voltage follower with 3V step input. Number specified is the slower of the positive and negative slew rates.
Note 8: Input referred, V+ = 5V and RL = 100 kΩ connected to 2.5V. Each amp excited in turn with 1 kHz to produce V O =3VPP.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com