Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV822MM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV822MM
Description  Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV822MM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV822MM Datasheet HTML 5Page - National Semiconductor (TI) LMV822MM Datasheet HTML 6Page - National Semiconductor (TI) LMV822MM Datasheet HTML 7Page - National Semiconductor (TI) LMV822MM Datasheet HTML 8Page - National Semiconductor (TI) LMV822MM Datasheet HTML 9Page - National Semiconductor (TI) LMV822MM Datasheet HTML 10Page - National Semiconductor (TI) LMV822MM Datasheet HTML 11Page - National Semiconductor (TI) LMV822MM Datasheet HTML 12Page - National Semiconductor (TI) LMV822MM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Typical Performance Characteristics Unless otherwise specified, V
S = +5V, single supply,
TA = 25˚C. (Continued)
Gain and Phase Margin vs
Frequency (R
L=100kΩ,2kΩ, 600Ω)
5V
DS100128-12
Gain and Phase Margin vs
Frequency (Temp.=25, -40, 85˚C,
R
L= 10kΩ) 2.7V
DS100128-13
Gain and Phase Margin vs
Frequency (Temp.=25, -40, 85 ˚C,
R
L=10kΩ)5V
DS100128-14
Gain and Phase Margin vs
Frequency (C
L=100pF, 200pF, 0pF,
R
L=10kΩ)2.7V
DS100128-15
Gain and Phase Margin vs
Frequency (C
L=100pF,200pF,0pF
R
L=10kΩ)5V
DS100128-16
Gain and Phase Margin vs
Frequency (C
L=100pF,200pF,0pF
R
L=600Ω)2.7V
DS100128-19
Gain and Phase Margin vs
Frequency (C
L=100pF,200pF,0pF
R
L=600Ω)5V
DS100128-20
Slew Rate vs Supply Voltage
DS100128-62
Non-Inverting Large Signal Pulse
Response
DS100128-21
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com