Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV822MM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV822MM
Description  Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV822MM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMV822MM Datasheet HTML 8Page - National Semiconductor (TI) LMV822MM Datasheet HTML 9Page - National Semiconductor (TI) LMV822MM Datasheet HTML 10Page - National Semiconductor (TI) LMV822MM Datasheet HTML 11Page - National Semiconductor (TI) LMV822MM Datasheet HTML 12Page - National Semiconductor (TI) LMV822MM Datasheet HTML 13Page - National Semiconductor (TI) LMV822MM Datasheet HTML 14Page - National Semiconductor (TI) LMV822MM Datasheet HTML 15Page - National Semiconductor (TI) LMV822MM Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
1.3 Input Bias Current Consideration
Input bias current (I
B) can develop a somewhat significant
offset voltage. This offset is primarily due to I
B
flowing
through the negative feedback resistor, R
F. For example, if IB
is 90nA (max room) and R
F is 100 kΩ, then an offset of 9 mV
will be developed (V
OS=IBxRF).Using a compensation resis-
tor (R
C), as shown in Figure 6, cancels out this affect. But the
input offset current (I
OS) will still contribute to an offset volt-
age in the same manner - typically 0.05 mV at room temp.
2.0 APPLICATION CIRCUITS
This section covers the following application circuits:
1. Telephone-Line Transceiver
2. “Simple” Mixer (Amplitude Modulator)
3. Dual Amplifier Active Filters (DAAFs)
•
a. Low-Pass Filter (LPF)
•
b. High-Pass Filter (HPF)
5. Tri-level Voltage Detector
2.1 Telephone-Line Transceiver
The telephone-line transceiver of
Figure 7 provides a full-
duplexed connection through a PCMCIA, miniature trans-
former. The differential configuration of receiver portion
(UR), cancels reception from the transmitter portion (UT).
Note that the input signals for the differential configuration of
UR, are the transmit voltage (Vt) and Vt/2. This is because
R
match is chosen to match the coupled telephone-line imped-
ance; therefore dividing Vt by two (assuming R1 >> R
match).
The differential configuration of UR has its resistors chosen
to cancel the Vt and Vt/2 inputs according to the following
equation:
Note that Cr is included for canceling out the inadequacies of
the lossy, miniature transformer. Refer to application note
AN-397 for detailed explanation.
2.2“Simple” Mixer (Amplitude Modulator)
The mixer of
Figure 8 is simple and provides a unique form
of amplitude modulation. Vi is the modulation frequency
(F
M), while a +3V square-wave at the gate of Q1, induces a
carrier frequency (F
C). Q1 switches (toggles) U1 between in-
verting and non-inverting unity gain configurations. Offset-
ting a sine wave above ground at Vi results in the oscillo-
scope photo of
Figure 9.
The simple mixer can be applied to applications that utilize
the Doppler Effect to measure the velocity of an object. The
difference frequency is one of its output frequency compo-
nents. This difference frequency magnitude (/F
M-FC/) is the
key factor for determining an object’s velocity per the Dop-
pler Effect. If a signal is transmitted to a moving object, the
reflected frequency will be a different frequency. This differ-
ence in transmit and receive frequency is directly propor-
tional to an object’s velocity.
DS100128-54
FIGURE 5. Pulse Response per
Figure 4
DS100128-59
FIGURE 6. Canceling the Voltage Offset Effect of Input
Bias Current
DS100128-33
FIGURE 7. Telephone-line Transceiver for a PCMCIA
Modem Card
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com