Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV822MM Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV822MM
Description  Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV822MM Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMV822MM Datasheet HTML 13Page - National Semiconductor (TI) LMV822MM Datasheet HTML 14Page - National Semiconductor (TI) LMV822MM Datasheet HTML 15Page - National Semiconductor (TI) LMV822MM Datasheet HTML 16Page - National Semiconductor (TI) LMV822MM Datasheet HTML 17Page - National Semiconductor (TI) LMV822MM Datasheet HTML 18Page - National Semiconductor (TI) LMV822MM Datasheet HTML 19Page - National Semiconductor (TI) LMV822MM Datasheet HTML 20Page - National Semiconductor (TI) LMV822MM Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Tape Dimensions
8 mm
0.130
0.124
0.130
0.126
0.138 ±0.002
0.055 ±0.004
0.157
0.315 ±0.012
(3.3)
(3.15)
(3.3)
(3.2)
(3.5 ±0.05)
(1.4 ±0.11)
(4)
(8 ±0.3)
Tape Size
DIM A
DIM Ao
DIM B
DIM Bo
DIM F
DIM Ko
DIM P1
DIM W
DS100128-97
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com