Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9950
Description  DOOR ACTUATOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9950 Datasheet HTML 4Page - STMicroelectronics L9950 Datasheet HTML 5Page - STMicroelectronics L9950 Datasheet HTML 6Page - STMicroelectronics L9950 Datasheet HTML 7Page - STMicroelectronics L9950 Datasheet HTML 8Page - STMicroelectronics L9950 Datasheet HTML 9Page - STMicroelectronics L9950 Datasheet HTML 10Page - STMicroelectronics L9950 Datasheet HTML 11Page - STMicroelectronics L9950 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
L9950
8/23
VSOV ON
VS OV-threshold voltage
VS decreasing
17.5
22
V
VSOV hyst
VS OV-hysteresis
VSOV OFF - VSOV ON
1V
VPOR OFF
power-on-reset threshold
VCC increasing
4.4
V
VPOR ON
power-on-reset threshold
VCC decreasing
3.1
V
VPOR hyst
power-on-reset hysteresis
VPOR OFF - VPOR ON
0.3
V
Current Monitor Output
VCM
functional voltage range
VCC = 5V
0
4
V
ICM,r
current monitor output ratio:
ICM /IOUT1,4,5,6,11
0V
≤ VCM ≤ 4V, VCC=5V
-
ICM acc
current monitor accuracy
0 V
≤ VCM ≤ 3.8V,
VCC = 5V, IOut,min =500mA,
IOut4,5,11,max= 5.9A
IOut1,6,max =2.9A
(FS = full scale=600
µA)
4% +
1%FS
8% +
2%FS
-
Change Pump Output:
VCP
charge pump output voltage
VS=8V, ICP=-60µA6
13
V
VS=10V, ICP=-80µA8
13
V
VS≥12V, ICP=-100µA10
13
V
ICP
charge pump output current
VCP = VS+10V, VS=13.5V
95
150
300
µA
Outputs: OUT1 - OUT2
rON OUT1, rON
OUT6
on-resistance to supply or GND
VS = 13.5 V, Tj = 25 °C,
IOUT1,6 = ± 1.5A
300
400
m
VS = 13.5 V, Tj = 125 °C,
IOUT1,6 = ± 1.5 A
450
600
m
VS = 8.0 V, Tj = 25 °C,
IOUT1,6 = ± 1.5 A
300
400
m
rON OUT2,
rON OUT3
on-resistance to supply or GND
VS = 13.5 V, Tj = 25 °C,
IOUT2,3 = ± 0.8A
800
1100
m
VS = 13.5 V, Tj = 125 °C,
IOUT2,3 = ± 0.8 A
1250
1700
m
VS = 8.0 V, Tj = 25 °C,
IOUT2,3 = ± 0.8 A
800
1100
m
rON OUT4, rON
OUT5
on-resistance to supply or GND
VS = 13.5 V, Tj = 25 °C,
IOUT4,5 = ± 3.0 A
150
200
m
VS = 13.5 V, Tj = 125 °C,
IOUT4,5 = ± 3.0 A
225
300
m
VS = 8.0 V, Tj = 25 °C,
IOUT4,5 = ± 3.0 A
150
200
m
Table 7. ELECTRICAL CHARACTERISTICS (continued)
(VS = 8 to 16V, VCC = 4.5 to 5.3V, Tj = - 40 to 150 °C, unless otherwise specified. The voltages are
referred to GND and currents are assumed positive, when the current flows into the pin)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
1
10.000
------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com