Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9950
Description  DOOR ACTUATOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9950 Datasheet HTML 2Page - STMicroelectronics L9950 Datasheet HTML 3Page - STMicroelectronics L9950 Datasheet HTML 4Page - STMicroelectronics L9950 Datasheet HTML 5Page - STMicroelectronics L9950 Datasheet HTML 6Page - STMicroelectronics L9950 Datasheet HTML 7Page - STMicroelectronics L9950 Datasheet HTML 8Page - STMicroelectronics L9950 Datasheet HTML 9Page - STMicroelectronics L9950 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
L9950
6/23
Table 3. Absolute Maximum Ratings
Note
All maximum ratings are absolute ratings. Leaving the limitation of any of these values may cause an irreversible damage of the
integrated circuit !
Table 4. Esd Protection
Note: 1. HBM according to CDF-AEC-Q100-002
2. HBM with all unzapped pins grounded
Table 5. Thermal Data
Table 6. Temperature warning and thermal shutdown
Symbol
Parameter
Value
Unit
VS
DC supply voltage
-0.3 to28
V
single pulse tmax < 400ms
40
V
VCC
stabilized supply voltage, logic supply
-0.3 to 5.5
V
VDI VDO VCLK VCSN, Vpwm1
digital input / output voltage
-0.3 to VCC + 0.3
V
VCM
current monitor output
-0.3 to VCC + 0.3
V
VCP
charge pump output
-25 to VS + 11
V
IOUT1,2,3,6,7,8,9,10
output current
±5
A
IOUT4,5,11
output current
±10
A
Parameter
Value
Unit
All pins
±4 1
kV
output pins: OUT1 - OUT11
±8 2
kV
Symbol
Parameter
Value
Unit
Tj
Operating junction temperature
-40 to 150
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
TjTW ON
temperature warning threshold junction temperature
Tj increasing
150
°C
TjTW OFF
temperature warning threshold junction temperature
Tj decreasing
130
°C
TjTW HYS
temperature warning hysteresis
5
K
TjSD ON
thermal shutdown threshold junction temperature
Tj increasing
170
°C
TjSD OFF
thermal shutdown threshold junction temperature
Tj decreasing
150
°C
TjSD HYS
thermal shutdown hysteresis
5
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com