Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9950
Description  DOOR ACTUATOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9950 Datasheet HTML 7Page - STMicroelectronics L9950 Datasheet HTML 8Page - STMicroelectronics L9950 Datasheet HTML 9Page - STMicroelectronics L9950 Datasheet HTML 10Page - STMicroelectronics L9950 Datasheet HTML 11Page - STMicroelectronics L9950 Datasheet HTML 12Page - STMicroelectronics L9950 Datasheet HTML 13Page - STMicroelectronics L9950 Datasheet HTML 14Page - STMicroelectronics L9950 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
L9950
4.3
Serial Data In (DI)
The input pin is used to transfer data serial into the device. The data applied to the DI will be sampled at
the rising edge of the CLK signal and shifted into an internal 24 bit shift register. At the rising edge of the
CSN signal the contents of the shift register will be transferred to Data Input Register. The writing to the
selected Data Input Register is only enabled if exactly 24 bits are transmitted within one communication
frame (i.e. CSN low). If more or less clock pulses are counted within one frame the complete frame will be
ignored. This safety function is implemented to avoid an activation of the output stages by a wrong com-
munication frame.
Note:
Due to this safety functionality a daisy chaining of SPI is not possible. Instead, a parallel operation of the SPI bus by controlling
the CSN signal of the connected ICs is recommended.
4.4
Serial Data Out (DO)
The data output driver is activated by a logical low level at the CSN input and will go from high impedance
to a low or high level depending on the status bit 0 (fault condition). The first rising edge of the CLK input
after a high to low transition of the CSN pin will transfer the content of the selected status register into the
data out shift register. Each subsequent falling edge of the CLK will shift the next bit out.
4.5
Serial Clock (CLK)
The CLK input is used to synchronize the input and output serial bit streams. The data input (DI) is sam-
pled at the rising edge of the CLK and the data output (DO) will change with the falling edge of the CLK
signal.
4.6
Input Data Register
The device has two input registers. The first bit (bit 0) at the DI-input is used to select one of the two Input
Registers. All bits are first shifted into an input shift register. After the rising edge of CSN the contents of
the input shift register will be written to the selected Input Data Register only if a frame of exact 24 data
bits are detected. Depending on bit 0 the contents of the selected status register will be transferred to DO
during the current communication frame. Bit 1-17 controls the behaviour of the corresponding driver.
If bit 23 is zero, the device will go into the standby-mode. The bits 18 and 19 are used to control the current
monitor multiplexer. Bit 22 is used to reset all status bits in both status registers. The bits in the status
registers will be cleared after the current communication frame (rising edge of CSN).
4.7
Status Register
This devices uses two status registers to store and to monitor the state of the device. Bit 0 is used as a
fault bit and is a logical-NOR combination of bits 1-22 in both status registers. The state of this bit can be
polled by the microcontroller without the need of a full SPI-communication cycle (see FIGURE 11). If one
of the over-current bits is set, the corresponding driver will be disabled. If the over-current recovery bit of
the output is not set the microcontroller has to clear the over-current bit to enable the driver. If the thermal
shutdown bit is set, all drivers will go into a high impedance state. Again the microcontroller has to clear
the bit to enable the drivers.
4.8
Test Mode
The Test Mode can be entered by rising the CSN input to a voltage higher than 7.0V. In the test mode the
inputs CLK, DI, PWM1/2 and the internal 2MHz CLK can be multiplexed to data output DO for testing pur-
pose. Furthermore the over-current thresholds are reduced by a factor of 4 to allow EWS testing at lower
current. For EWS testing a special test pad is available to measure the internal bandgap voltage, the TW
and TSD thresholds.
The internal logic prevents that the Hi-Side and Lo-Side driver of the same half-bridge can be switched-
on at the same time. In the testmode this combination is used to multiplex the desired signals according
to following table 8:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com