Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9950
Description  DOOR ACTUATOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950 Datasheet(HTML) 5 Page - STMicroelectronics

  L9950 Datasheet HTML 1Page - STMicroelectronics L9950 Datasheet HTML 2Page - STMicroelectronics L9950 Datasheet HTML 3Page - STMicroelectronics L9950 Datasheet HTML 4Page - STMicroelectronics L9950 Datasheet HTML 5Page - STMicroelectronics L9950 Datasheet HTML 6Page - STMicroelectronics L9950 Datasheet HTML 7Page - STMicroelectronics L9950 Datasheet HTML 8Page - STMicroelectronics L9950 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
L9950
Table 2. Pin Description
Pin
Symbol
Function
1, 18, 19,
36
GND
Ground:
Reference potential
Important: For the capability of driving the full current at the outputs all pins of GND must
be externally connected !
2.35
OUT11
Highside-driver-output 11:
The output is built by a highside switch and is intended for resistive loads, hence the
internal reverse diode from GND to the output is missing. For ESD reason a diode to GND
is present but the energy which can be dissipated is limited. The highside driver is a power
DMOS transistor with an internal parasitic reverse diode from the output to VS (bulk-drain-
diode). The output is over-current and open load protected.
Important: For the capability of driving the full current at the outputs both pins of OUT11
must be externally connected !
3
4
5
OUT1
OUT2
OUT3
Halfbridge-output 1,2,3:
The output is built by a highside and a lowside switch, which are internally connected. The
output stage of both switches is a power DMOS transistor. Each driver has an internal
parasitic reverse diode (bulk-drain-diode: highside driver from output to VS, lowside driver
from GND to output). This output is over-current and open load protected.
6, 7, 14, 15,
23, 24, 25,
28, 29, 32
VS
Power supply voltage (external reverse protection required):
For this input a ceramic capacitor as close as possible to GND is recommended.
Important: For the capability of driving the full current at the outputs all pins of VS must be
externally connected !
8DI
Serial data input:
The input requires CMOS logic levels and receives serial data from the microcontroller.
The data is an 24bit control word and the least significant bit (LSB, bit 0) is transferred
first.
9CM/PWM2
Current monitor output/PWM2 input:
Depending on the selected multiplexer bits of Input Data Register this output sources an
image of the instant current through the corresponding highside driver with a ratio of 1/
10.000. This pin is bidirectional. The microcontroller can overdrive the current monitor
signal to provide a second PWM input for the outputs OUT9 and OUT10.
10
CSN
Chip Select Not input / Testmode :
This input is low active and requires CMOS logic levels. The serial data transfer between
L9950 and micro controller is enabled by pulling the input CSN to low level. If an input
voltage of more than 7.5V is applied to CSN pin the L9950 will be switched into a test
mode.
11
DO
Serial data output:
The diagnosis data is available via the SPI and this tristate-output. The output will remain
in tristate, if the chip is not selected by the input CSN (CSN = high)
12
VCC
Logic supply voltage:
For this input a ceramic capacitor as close as possible to GND is recommended.
13
CLK
Serial clock input:
This input controls the internal shift register of the SPI and requires CMOS logic levels.
16,17,
20,21,
22
OUT4
OUT5
OUT6
Halfbridge-output 4,5,6:
see OUT1 (pin 3).
Important: For the capability of driving the full current at the outputs both pins of OUT4
(OUT5, respectively) must be externally connected !
26
CP
Charge Pump Output:
This output is provided to drive the gate of an external n-channel power MOS used for
reverse polarity protection (see FIGURE 1)
27
PWM1
PWM1 input:
This input signal can be used to control the drivers OUT1-OUT8 and OUT11 by an
external PWM signal.
30
31
33
34
OUT7,
OUT8,
OUT9,
OUT10
Highside-driver-output 7,8,9,10:
The output is built by a highside switch and is intended for resistive loads, hence the
internal reverse diode from GND to the output is missing. For ESD reason a diode to GND
is present but the energy which can be dissipated is limited. The highside driver is a power
DMOS transistor with an internal parasitic reverse diode from the output to VS (bulk-drain-
diode). The output is over-current and open load protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com