Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M172 Datasheet(PDF) 21 Page - SMSC Corporation

Part # LPC47M172
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M172 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LPC47M172 Datasheet HTML 17Page - SMSC Corporation LPC47M172 Datasheet HTML 18Page - SMSC Corporation LPC47M172 Datasheet HTML 19Page - SMSC Corporation LPC47M172 Datasheet HTML 20Page - SMSC Corporation LPC47M172 Datasheet HTML 21Page - SMSC Corporation LPC47M172 Datasheet HTML 22Page - SMSC Corporation LPC47M172 Datasheet HTML 23Page - SMSC Corporation LPC47M172 Datasheet HTML 24Page - SMSC Corporation LPC47M172 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 227 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC/Non-SMSC Register Sets (Rev. 02-27-04)
Page 21
SMSC LPC47M172
DATASHEET
PIN#
NAME
(NOTE 1)
DESCRIPTION
BUFFER
NAME
(NOTE 2)
PWR
WELL
(NOTE 3)
NOTES
73
nPCIRST_OUT
Buffered PCI Reset Output
OP14
VTR
74
nPCIRST_OUT
2
Second Buffered PCI Reset Output
OP14
VTR
75
nFPRST
Reset Input from Front Panel
ISPU_400
VTR
77
nBACKFEED_
CUT
Open-Drain Output used for STR Circuitry
OD8
VTR
3
79
LATCHED_BF_
CUT
Latched Backfeed Cut Output for STR
Circuitry
OP14
VTR
80
SCK_BJT_
GATE
Open-Drain Gate Output for the SCK_BJT
in Suspend-to-RAM
OD8
VTR
3
81
nPS_ON
Power Supply Turn-ON Open Drain
Output
OD8
VTR
3
82
PWRGD_PS
Power Good Input from Power Supply
ISPU_400
VTR
83
nCPU_PRESENT
CPU Present Input from Processor
ISPU_400
VTR
84
PWRGD_3V
Power Good Output
O8
VTR
85
nSLP_S3
S3 Power State Input from South Bridge
IS_400
VTR
86
nSLP_S5
Input from South Bridge for Transitioning
to the S5 Power State
IS_400
VTR
87
SMB_CLK_M
SMBus Clock Main
IO_SW
VTR
88
SMB_CLK_R
SMBus Clock Resume
IO_SW
VTR
89
SMB_DAT_M
SMBus Data Main
IO_SW
VTR
90
SMB_DAT_R
SMBus Data Resume
IO_SW
VTR
92
nRSMRST
Resume Reset Output
O8
VTR
100
nAUD_LINK_
RST
AC97 Link Reset Input
I
VTR
101
nCDC_DWN_
ENAB/GP24
AC97 Codec Down Enable Input.
General Purpose I/O. GPIO can be
configured as an open-drain output.
IO12
VTR
6
102
nCDC_DWN_
RST
AC97 Codec Down Reset Output.
O12
VTR
113
DDCSCL_3V/
GP23
3.3V DDC Clock
General Purpose I/O. GPIO can be
configured as an open-drain output.
IO_SW/IS
OD8
VTR
3, 6, 8
114
DDCSCL_5V/
GP21
5V DDC Clock
General Purpose I/O. GPIO can be
configured as an open-drain output.
IO_SW/IS
OD8
VTR
3, 6, 8
115
DDCSDA_3V/
GP22
3.3V DDC Data
General Purpose I/O. GPIO can be
configured as an open-drain output.
IO_SW/IS
OD8
VTR
3, 6, 8
116
DDCSDA_5V/
GP20
5V DDC Data
General Purpose I/O. GPIO can be
configured as an open-drain output.
IO_SW/IS
OD8
VTR
3, 6, 8
POWER LEDS (2)
94
GRN_LED
Green Power LED Open-Drain Output
OD24
VTR
95
YLW_LED
Yellow Power LED Open-Drain Output
OD24
VTR
GENERAL PURPOSE I/O (8)
103-
105
GP10-GP12
General Purpose I/O. GPIO can be
configured as an open-drain output.
ISO8
VTR
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com