Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M172 Datasheet(PDF) 38 Page - SMSC Corporation

Part # LPC47M172
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M172 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button LPC47M172 Datasheet HTML 34Page - SMSC Corporation LPC47M172 Datasheet HTML 35Page - SMSC Corporation LPC47M172 Datasheet HTML 36Page - SMSC Corporation LPC47M172 Datasheet HTML 37Page - SMSC Corporation LPC47M172 Datasheet HTML 38Page - SMSC Corporation LPC47M172 Datasheet HTML 39Page - SMSC Corporation LPC47M172 Datasheet HTML 40Page - SMSC Corporation LPC47M172 Datasheet HTML 41Page - SMSC Corporation LPC47M172 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 227 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC/Non-SMSC Register Sets (Rev. 02-27-04)
Page 38
SMSC LPC47M172
DATASHEET
6.4
Floppy Disk Controller
The Floppy Disk controller (FDC) provides the interface between a host microprocessor and the floppy
disk drives. The FDC integrates the functions of the Formatter/Controller, Digital data Separator, Write
Precompensation and Data Rate Selection logic for an IBM XT/AT compatible FDC. The true CMOS 765B
core guarantees 100% IBM PC XT/AT compatibility in addition to providing data overflow and underflow
protection.
The FDC is compatible to the 82077AA using SMSC’s proprietary floppy disk controller core.
6.4.1
FDC Configuration Registers
The FDC configuration registers are summarized Table 11.2 in the “Configuration” section. The FDC
logical device configuration registers (0xF0, 0xF1, 0xF2 and 0xF4) are defined in Table 11.9.
6.4.2
FDC Internal Registers
The Floppy Disk Controller contains eight internal registers which facilitate the interfacing between the host
microprocessor and the disk drive. Table 6.2 shows the addresses required to access these registers.
Registers other than the ones shown are not supported. The rest of the description assumes that the
primary addresses have been selected.
Table 6.2 - Status, Data and Control Registers
(Shown with base addresses of 3F0 and 370)
PRIMARY
ADDRESS
SECONDARY
ADDRESS
R/W
REGISTER
3F0
3F1
3F2
3F3
3F4
3F4
3F5
3F6
3F7
3F7
370
371
372
373
374
374
375
376
377
377
R
R
R/W
R/W
R
W
R/W
R
W
Status Register A (SRA)
Status Register B (SRB)
Digital Output Register (DOR)
Tape Drive Register (TDR)
Main Status Register (MSR)
Data Rate Select Register (DSR)
Data (FIFO)
Reserved
Digital Input Register (DIR)
Configuration Control Register (CCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com