Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M172 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LPC47M172
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M172 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LPC47M172 Datasheet HTML 35Page - SMSC Corporation LPC47M172 Datasheet HTML 36Page - SMSC Corporation LPC47M172 Datasheet HTML 37Page - SMSC Corporation LPC47M172 Datasheet HTML 38Page - SMSC Corporation LPC47M172 Datasheet HTML 39Page - SMSC Corporation LPC47M172 Datasheet HTML 40Page - SMSC Corporation LPC47M172 Datasheet HTML 41Page - SMSC Corporation LPC47M172 Datasheet HTML 42Page - SMSC Corporation LPC47M172 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 227 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC/Non-SMSC Register Sets (Rev. 02-27-04)
Page 39
SMSC LPC47M172
DATASHEET
6.4.3
Status Register A (SRA)
Address 3F0 READ ONLY
This register is read-only and monitors the state of the internal interrupt signal and several disk interface
pins in PS/2 and Model 30 modes. The SRA can be accessed at any time when in PS/2 mode. In the
PC/AT mode the data bus pins D0 – D7 are held in a high impedance state for a read of address 3F0.
PS/2 Mode
7
6
5
4
3
2
1
0
INT
PENDIN
G
nDRV2
STEP
nTRK0
HDSEL
nINDX
nWP
DIR
RESET
COND.
0
1
0
N/A
0
N/A
N/A
0
BIT 0 DIRECTION
Active high status indicating the direction of head movement. A logic “1” indicates inward direction; a logic
“0” indicates outward direction.
BIT 1 nWRITE PROTECT
Active low status of the WRITE PROTECT disk interface input. A logic “0” indicates that the disk is write
protected.
BIT 2 nINDEX
Active low status of the INDEX disk interface input.
BIT 3 HEAD SELECT
Active high status of the HDSEL disk interface input. A logic “1” selects side 1 and a logic “0” selects side
0.
BIT 4 nTRACK 0
Active low status of the TRK0 disk interface input.
BIT 5 STEP
Active high status of the STEP output disk interface output pin.
BIT 6 nDRV2
This function is not supported. This bit is always read as “1”.
BIT 7 INTERRUPT PENDING
Active high bit indicating the state of the Floppy Disk Interrupt output.
PS/2 Model 30 Mode
7
6
5
4
3
2
1
0
INT
PENDING
DRQ
STEP
F/F
TRK0 nHDSEL INDEX
WP
nDIR
RESET
COND.
0
0
0
N/A
1
N/A
N/A
1
BIT 0 DIRECTION
Active low status indicating the direction of head movement. A logic “0” indicates inward direction; a logic
“1” indicates outward direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com