Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M172 Datasheet(PDF) 49 Page - SMSC Corporation

Part # LPC47M172
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M172 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button LPC47M172 Datasheet HTML 45Page - SMSC Corporation LPC47M172 Datasheet HTML 46Page - SMSC Corporation LPC47M172 Datasheet HTML 47Page - SMSC Corporation LPC47M172 Datasheet HTML 48Page - SMSC Corporation LPC47M172 Datasheet HTML 49Page - SMSC Corporation LPC47M172 Datasheet HTML 50Page - SMSC Corporation LPC47M172 Datasheet HTML 51Page - SMSC Corporation LPC47M172 Datasheet HTML 52Page - SMSC Corporation LPC47M172 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 227 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC/Non-SMSC Register Sets (Rev. 02-27-04)
Page 49
SMSC LPC47M172
DATASHEET
BITS 0 – 1 DATA RATE SELECT
These bits control the data rate of the floppy controller. See Table 6.8 for the settings corresponding to the
individual data rates. The data rate select bits are unaffected by a software reset, and are set to 250 Kbps
after a hardware reset.
BIT 2 NOPREC
This bit reflects the value of NOPREC bit set in the CCR register.
BIT 3 DMAEN
This bit reflects the value of DMAEN bit set in the DOR register bit 3.
BITS 4 – 6 UNDEFINED
Always read as a logic “0”
BIT 7 DSKCHG
This bit monitors the pin of the same name and reflects the opposite value seen on the disk cable or the
value programmed in the Force Disk Change Register (see Power Control/Runtime Register Block runtime
register at offset 0x18).
6.4.11 Configuration Control Register (CCR)
Address 3F7 WRITE ONLY
PC/AT and PS/2 Modes
7
6
5
4
3
2
1
0
0
0
0
0
0
0
DRATE
SEL1
DRATE
SEL0
RESET
COND.
N/A
N/A
N/A
N/A
N/A
N/A
1
0
BIT 0 and 1 DATA RATE SELECT 0 and 1
These bits determine the data rate of the floppy controller. See Table 6.8 for the appropriate values.
BIT 2 – 7 RESERVED
Should be set to a logical “0”
PS/2 Model 30 Mode
7
6
5
4
3
2
1
0
0
0
0
0
0
NOPREC DRATE
SEL1
DRATE
SEL0
RESET
COND.
N/A
N/A
N/A
N/A
N/A
N/A
1
0
BIT 0 and 1 DATA RATE SELECT 0 and 1
These bits determine the data rate of the floppy controller. See Table 6.8 for the appropriate values.
BIT 2 NO PRECOMPENSATION
This bit can be set by software, but it has no functionality. It can be read by bit 2 of the DSR when in
Model 30 register mode. Unaffected by software reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com