Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EJ37-R0PDD Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EJ37-R0PDD
Description  Well defined Spatial radiation Patterns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EJ37-R0PDD Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EJ37-R0PDD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ37-R0PDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ37-R0PDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ37-R0PDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
This Precision Optical Performance AlInGaP LED
provide superior light output for excellent readability
in sunlight and are extremely reliable. AlInGaP LED
technology provides extremely stable light output over
long periods of time. Precision Optical Performance
lamps utilize the Aluminium Indium Gallium Phosphide
(AlInGaP) technology.
This LED lamp is orange tinted, nondiffused, T-1 ¾
package incorporating second generation optics
producing well defined spatial radiation at specific
viewing cone angle. This lamp is made with an
advanced optical grade epoxy, offering superior high
temperature and high moisture resistance performance
in outdoor signal and sign applications.
The high maximum LED junction temperature limit of
+130°C enables high temperature operation in bright
sunlight conditions. The package epoxy contains both
uv-a and uv-b inhibitors to reduce the effects of long
term exposure to direct sunlight.
HLMP-EJ37-R0PDD
T-1 ¾ (5mm) Precision Optical Performance
AlInGaP LED Lamp
Data Sheet
Features
• Well defined Spatial radiation Patterns
• High Luminous Output
• AlInGaP Orange
• High Operating Temperature: TJLED = +130°C
• Superior Resistance to moisture
Applications
• Comercial Outdoor Advertising:
- Signs
- Marquees
• Variable Message Sign
Benefits
• Superior Light Output performance In Outdoor
Environments
• Suitable for Auto-insertion into PC Boards


Similar Part No. - HLMP-EJ37-R0PDD

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-EJ30 HP-HLMP-EJ30 Datasheet
99Kb / 12P
T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-EJ30-11000 BOARDCOM-HLMP-EJ30-11000 Datasheet
736Kb / 18P
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EJ30-11400 BOARDCOM-HLMP-EJ30-11400 Datasheet
736Kb / 18P
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EJ30-12000 BOARDCOM-HLMP-EJ30-12000 Datasheet
736Kb / 18P
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EJ30-12400 BOARDCOM-HLMP-EJ30-12400 Datasheet
736Kb / 18P
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results

Similar Description - HLMP-EJ37-R0PDD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG5804B ETC2-LG5804B Datasheet
45Kb / 1P
Spatial Distribution
logo
Laird Tech Smart Techno...
WTX LSTD-WTX Datasheet
1Mb / 2P
Omnidirectional gain patterns
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LL36 AVAGO-ALMD-LL36 Datasheet
1Mb / 14P
Well-defined spatial radiation pattern
ALMD-LG37 AVAGO-ALMD-LG37 Datasheet
710Kb / 12P
Well defined spatial radiation pattern
logo
Taoglas antenna solutio...
OMB.242.08F21 TAOGLAS-OMB.242.08F21 Datasheet
413Kb / 10P
Excellent Radiation Patterns
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG74 AVAGO-HLMP-AG74 Datasheet
214Kb / 11P
Well defi ned spatial radiation pattern
HLMP-HG74 AVAGO-HLMP-HG74 Datasheet
985Kb / 15P
Well defined spatial radiation pattern
logo
STANLEY ELECTRIC CO.,LT...
FKR3863X STANLEY-FKR3863X Datasheet
444Kb / 20P
Narrow spatial distribution
THB3801C STANLEY-THB3801C Datasheet
477Kb / 19P
Spatial distribution
THB3809X STANLEY-THB3809X Datasheet
487Kb / 19P
Wide spatial distribution
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com