Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EJ37-R0PDD Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EJ37-R0PDD
Description  Well defined Spatial radiation Patterns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EJ37-R0PDD Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EJ37-R0PDD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ37-R0PDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ37-R0PDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ37-R0PDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Figure 2.
Forward Current vs. Forward
Voltage
Figure 1. Relative Intensity vs. Peak Wavelength
Parameters
Min
Typ
Max
Unit
Test Condition
Forward voltage
1.98
2.40
V
IF= 20 mA
Reverse voltage
5
20
V
IR= 100 µA
Peak Wavelength
609
nm
Peak wavelength of spectrral distribution at IF= 20 mA
Spectral Halfwidth
17
nm
Wavelength width at spectral distribution ½ power
point at IF= 20 mA
Speed of Response
20
ns
Exponential time constant
Capacitance
40
pF
VF=0, f=1 MHz
Thermal Resistance
240
oC/W
LED Junction to cathode
Notes:
1. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = Iv/hV where Iv is the luminous intensity in candelas
and hV is the luminous efficacy in lumens/watt.
Electrical and Optical Characteristics (TA=25°C)
Figure 4. Maximum Forward Current vs.
Ambient Temperature.
Figure 3. Relative Luminous Intensity vs.
Forward Current
0
0
IF - DC FORWARD CURRENT - mA
40
3.0
2.0
1.5
1.0
0.5
20
60
2.5
0
0
TA - AMBIENT TEMPERATURE - C
40
80
50
40
30
20
10
20
60
100
RJA = 585 C/W
RJA = 780 C/W
0
0.2
0.4
0.6
0.8
1.0
550
600
650
700
Wavelength (nm)
0
5
10
15
20
25
30
35
40
45
50
0
0.5
1
1.5
2
2.5
3
Forward Voltage - Vf(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com