Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EJ37-R0PDD Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EJ37-R0PDD
Description  Well defined Spatial radiation Patterns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EJ37-R0PDD Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EJ37-R0PDD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ37-R0PDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ37-R0PDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ37-R0PDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Intensity Bin Limits
(mcd at 20 mA)
Color Bin Limits
(nm at 20 mA)
Bin Name
Min.
Max.
R
1500
1900
S
1900
2500
T
2500
3200
U
3200
4200
V
4200
5500
Bin Name
Min.
Max.
CA
605.5
609
CB
609
612.5
Tolerance for each bin limits is ±0.5nm
Note:
1. Bin categories are established for
classification of products. Product may
not be available in all bin categories.
Tolerance for each bin limits is ±15%
Figure 5. Spatial Radiation pattern
0.5
1
-50
- 40
-30
- 20
-10
0
10
20
30
40
50
Angle (deg)
0
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries.
Data subject to change. Copyright © 2006 Avago Technologies Pte. All rights reserved.
5989-1391EN - May 29, 2006



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com