Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EJ37-R0PDD Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EJ37-R0PDD
Description  Well defined Spatial radiation Patterns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EJ37-R0PDD Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EJ37-R0PDD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ37-R0PDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ37-R0PDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ37-R0PDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Absolute Maximum Rating (TA=25°C)
Device Selection Guide
Tolerance for luminous intensity is ±15%.
Tolerance for color bin limit is ± 0.5 nm
Notes:
1. The luminous intensity is measured on the mechanical axis of
the lamp package.
3. The optical axis is closely aligned with the package mechanical
axis.
4. The dominant wavelength, ld, is derived from the CIE
Chromaticity Diagram and represents the color of the lamp.
5.
θ1/2 is the off axis angle where the luminous intensity is one
half the on-axis intensity.
Note:
1. Derate linearly as shown in fugure 4.
2. For long terms performance with minimum light output
degration, drive currents between 10mA and 30 mA are
recommended. For more information on recommended drive
condition, please refer to Application Brief I-024.
3. Operating at current below 1mA is not recommended. Please
contact your local representative for further information.
Part Number
Dominant
Wavelength
Range (nm)
Luminous
Intensity, Min
(mcd at 20mA)
HLMP-EJ37-R0PDD
605.5 -612.5
1500
Parameters
Value
DC forward current[1]
50 mA
Peak pulsed forward current[2]
100 mA
Average forward current
30 mA
Reverse voltage (Ir = 100 mA)
5 V
LED junction temperature
130oC
Power Dissipation
120mW
Operating temperature
-40oC to +100oC
Storage temperature
-40oC to +120oC
Through the wave soldering
temperature
250oC for 3 seconds
Package Dimensions
Notes :
1. All dimensions are in milimetres (inches).
2. Leads are mild steel, solder dipped.
3. Tapers shown at top of leads (bottom of lamp package) indicate
an epoxy meniscus that may extend about 1mm (0.040in.) down
the leads.
4. Recommended PC board hole diameters = 0.965/0.889 (0.038/
0.035)
5. For dome heights above lead standoff seating plane, d = 11.96
± 0.25 (0.471 ± 0.010).
1.14 ± 0.20
(0.045 ± 0.008)
5.80 ± 0.20
(0.228 ± 0.008)
5.00
± 0.20
(0.197 ± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71 ± 0.20
(0.343 ±0.008)
2.54 ± 0.38
(0.100 ± 0.015)
0.50 ± 0.10
(0.020 ± 0.004)
SQ. TYP.
CATHODE
LEAD
CATHODE
FLAT
d
1.50 ± 0.15
(0.059 ± 0.006)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com