Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G241 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G241
Description  DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G241 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC2G241 Datasheet HTML 1Page - Texas Instruments SN74LVC2G241 Datasheet HTML 2Page - Texas Instruments SN74LVC2G241 Datasheet HTML 3Page - Texas Instruments SN74LVC2G241 Datasheet HTML 4Page - Texas Instruments SN74LVC2G241 Datasheet HTML 5Page - Texas Instruments SN74LVC2G241 Datasheet HTML 6Page - Texas Instruments SN74LVC2G241 Datasheet HTML 7Page - Texas Instruments SN74LVC2G241 Datasheet HTML 8Page - Texas Instruments SN74LVC2G241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN74LVC2G241
DUAL BUFFER/DRIVER
WITH 3STATE OUTPUTS
SCES210K − APRIL 1999 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
Operating
1.65
5.5
V
VCC
Supply voltage
Data retention only
1.5
V
VCC = 1.65 V to 1.95 V
0.65
× VCC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VIH
High-level input voltage
VCC = 3 V to 3.6 V
2
V
VCC = 4.5 V to 5.5 V
0.7
× VCC
VCC = 1.65 V to 1.95 V
0.35
× VCC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VIL
Low-level input voltage
VCC = 3 V to 3.6 V
0.8
V
VCC = 4.5 V to 5.5 V
0.3
× VCC
VI
Input voltage
0
5.5
V
VO
Output voltage
High or low state
0
VCC
V
VO
Output voltage
3-state
0
5.5
V
VCC = 1.65 V
−4
VCC = 2.3 V
−8
IOH
High-level output current
VCC = 3 V
−16
mA
IOH
High-level output current
VCC = 3 V
−24
mA
VCC = 4.5 V
−32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
VCC = 3 V
16
mA
IOL
Low-level output current
VCC = 3 V
24
mA
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
∆t/∆v Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
∆t/∆v Input transition rise or fall rate
VCC = 5 V ± 0.5 V
5
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com