Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G241 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G241
Description  DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G241 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC2G241 Datasheet HTML 1Page - Texas Instruments SN74LVC2G241 Datasheet HTML 2Page - Texas Instruments SN74LVC2G241 Datasheet HTML 3Page - Texas Instruments SN74LVC2G241 Datasheet HTML 4Page - Texas Instruments SN74LVC2G241 Datasheet HTML 5Page - Texas Instruments SN74LVC2G241 Datasheet HTML 6Page - Texas Instruments SN74LVC2G241 Datasheet HTML 7Page - Texas Instruments SN74LVC2G241 Datasheet HTML 8Page - Texas Instruments SN74LVC2G241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN74LVC2G241
DUAL BUFFER/DRIVER
WITH 3STATE OUTPUTS
SCES210K − APRIL 1999 − REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOH = −100 mA
1.65 V to 5.5 V
VCC−0.1
IOH = −4 mA
1.65 V
1.2
V
IOH = −8 mA
2.3 V
1.9
V
VOH
IOH = −16 mA
3 V
2.4
V
IOH = −24 mA
3 V
2.3
IOH = −32 mA
4.5 V
3.8
IOL = 100 mA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
V
IOL = 8 mA
2.3 V
0.3
V
VOL
IOL = 16 mA
3 V
0.4
V
IOL = 24 mA
3 V
0.55
IOL = 32 mA
4.5 V
0.55
II
A or Control
inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
mA
Ioff
VI or VO = 5.5 V
0
±10
mA
IOZ
VO = 0 to 5.5 V
3.6 V
10
mA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
mA
∆ICC
One input at VCC − 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
mA
Ci
VI = VCC or GND
3.3 V
3.5
pF
Co
VO = VCC or GND
3.3 V
6.5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
Y
3.3
8.8
1.5
4.8
1.4
4.3
1
3.7
ns
ten
OE
Y
4
9.9
1.9
5.6
1.2
4.7
1.2
3.8
ns
tdis
OE
Y
1.5
11.6
1
5.8
1.4
4.4
1
3.4
ns
ten
OE
Y
3.2
8.8
1.5
4.7
1.6
4.1
1.1
3.3
ns
tdis
OE
Y
1.7
12.5
1
5.2
1
4.2
1
3.3
ns
operating characteristics, TA = 25°
PARAMETER
TEST
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
VCC = 5 V
UNIT
PARAMETER
TEST
CONDITIONS
TYP
TYP
TYP
TYP
UNIT
Cpd
Power dissipation
capacitance
Outputs enabled
f = 10 MHz
19
19
20
22
pF
Cpd
capacitance
per buffer/driver
Outputs disabled
f = 10 MHz
2
2
2
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com