Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G241 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G241
Description  DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G241 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G241 Datasheet HTML 1Page - Texas Instruments SN74LVC2G241 Datasheet HTML 2Page - Texas Instruments SN74LVC2G241 Datasheet HTML 3Page - Texas Instruments SN74LVC2G241 Datasheet HTML 4Page - Texas Instruments SN74LVC2G241 Datasheet HTML 5Page - Texas Instruments SN74LVC2G241 Datasheet HTML 6Page - Texas Instruments SN74LVC2G241 Datasheet HTML 7Page - Texas Instruments SN74LVC2G241 Datasheet HTML 8Page - Texas Instruments SN74LVC2G241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN74LVC2G241
DUAL BUFFER/DRIVER
WITH 3STATE OUTPUTS
SCES210K − APRIL 1999 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Available in the Texas Instruments
NanoStar
 and NanoFree Packages
D Supports 5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 4.1 ns at 3.3 V
D Low Power Consumption, 10-µA Max ICC
D ±24-mA Output Drive at 3.3 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
This dual buffer/line driver is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC2G241 is designed specifically to improve both the performance and density of 3-state
memory-address drivers, clock drivers, and bus-oriented receivers and transmitters.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
NanoStar
 − WCSP (DSBGA)
0.17-mm Small Bump − YEA
SN74LVC2G241YEAR
NanoFree
 − WCSP (DSBGA)
0.17-mm Small Bump − YZA (Pb-free)
Reel of 3000
SN74LVC2G241YZAR
_ _ _C2_
−40
°C to 85°C
NanoStar
 − WCSP (DSBGA)
0.23-mm Large Bump − YEP
Reel of 3000
SN74LVC2G241YEPR
_ _ _C2_
−40
°C to 85°C
NanoFree
 − WCSP (DSBGA)
0.23-mm Large Bump − YZP (Pb-free)
SN74LVC2G241YZPR
SSOP − DCT
Reel of 3000
SN74LVC2G241DCTR
C41_ _ _
VSSOP − DCU
Reel of 3000
SN74LVC2G241DCUR
C41_
VSSOP − DCU
Reel of 250
SN74LVC2G241DCUT
C41_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YEA/YZA, YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code,
and one following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition
(1 = SnPb,
• = Pb-free).
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar and NanoFree are trademarks of Texas Instruments.
DCT OR DCU PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OE
1A
2Y
GND
VCC
2OE
1Y
2A
4
3
2
1
5
6
7
8
GND
2Y
1A
1OE
2A
1Y
2OE
VCC
YEA, YEP, YZA, OR YZP PACKAGE
(BOTTOM VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74LVC2G241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G241 TI1-SN74LVC2G241 Datasheet
1,017Kb / 24P
Dual Buffer and Driver With 3-State Outputs
SN74LVC2G241 TI2-SN74LVC2G241 Datasheet
727Kb / 25P
SN74LVC2G241 Dual Buffer and Driver With 3-State Outputs
REVISED JANUARY 2019
SN74LVC2G241DCT TI1-SN74LVC2G241DCT Datasheet
1,017Kb / 24P
Dual Buffer and Driver With 3-State Outputs
SN74LVC2G241DCT TI2-SN74LVC2G241DCT Datasheet
727Kb / 25P
SN74LVC2G241 Dual Buffer and Driver With 3-State Outputs
REVISED JANUARY 2019
SN74LVC2G241DCTR TI1-SN74LVC2G241DCTR Datasheet
925Kb / 22P
Dual Buffer and Driver With 3-State Outputs
More results

Similar Description - SN74LVC2G241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G240 TI-SN74LVC2G240 Datasheet
308Kb / 11P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241 Datasheet
266Kb / 13P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
U74LVC2G240 UTC-U74LVC2G240_15 Datasheet
214Kb / 6P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVC2G240 TI1-SN74LVC2G240_16 Datasheet
850Kb / 17P
Dual Buffer Driver With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com