Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G241 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G241
Description  DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G241 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2G241 Datasheet HTML 1Page - Texas Instruments SN74LVC2G241 Datasheet HTML 2Page - Texas Instruments SN74LVC2G241 Datasheet HTML 3Page - Texas Instruments SN74LVC2G241 Datasheet HTML 4Page - Texas Instruments SN74LVC2G241 Datasheet HTML 5Page - Texas Instruments SN74LVC2G241 Datasheet HTML 6Page - Texas Instruments SN74LVC2G241 Datasheet HTML 7Page - Texas Instruments SN74LVC2G241 Datasheet HTML 8Page - Texas Instruments SN74LVC2G241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SN74LVC2G241
DUAL BUFFER/DRIVER
WITH 3STATE OUTPUTS
SCES210K − APRIL 1999 − REVISED OCTOBER 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
NanoStar
 and NanoFree package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
The SN74LVC2G241 is organized as two 1-bit line drivers with separate output-enable (1OE, 2OE) inputs.
When 1OE is low and 2OE is high, the device passes data from the A inputs to the Y outputs. When 1OE is high
and 2OE is low, the outputs are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor, and OE should be tied to GND through a pulldown resistor; the minimum value of the resistor is
determined by the current-sinking or the current-sourcing capability of the driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
Function Tables
INPUTS
OUTPUT
1OE
1A
OUTPUT
1Y
L
H
H
L
LL
H
X
Z
INPUTS
OUTPUT
2OE
2A
OUTPUT
2Y
H
H
H
H
LL
L
X
Z
logic diagram (positive logic)
1
2
6
1Y
1OE
1A
7
5
3
2Y
2OE
2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com