Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1521 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLK1521
Description  500 Mbps to 1.3 Gbps TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1521 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLK1521 Datasheet HTML 2Page - Texas Instruments TLK1521 Datasheet HTML 3Page - Texas Instruments TLK1521 Datasheet HTML 4Page - Texas Instruments TLK1521 Datasheet HTML 5Page - Texas Instruments TLK1521 Datasheet HTML 6Page - Texas Instruments TLK1521 Datasheet HTML 7Page - Texas Instruments TLK1521 Datasheet HTML 8Page - Texas Instruments TLK1521 Datasheet HTML 9Page - Texas Instruments TLK1521 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TLK1521
500 Mbps to 1.3 Gbps TRANSCEIVER
SLLS591A− OCTOBER 2003 − REVISED JANUARY 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
data reception latency
The serial-to-parallel data receive latency is the time from when the first bit arrives at the receiver until it is output
in the aligned parallel word with RXD0 received as first bit. The receive latency is fixed once the link is
established. However, due to silicon process variations and implementation variables such as supply voltage
and temperature, the exact delay varies slightly. Figure 5 illustrates the timing relationship between the serial
receive pins, the recovered word clock (RX_CLK), and the receive data bus.
18-Bit Decoded Word
20-Bit Encoded Word
DINTXP,
DINTXN
RXD(0−17)
RX_CLK
R(latency)
Figure 5. Receiver Latency
serial-to-parallel
Serial data is received on the DINRXP and DINRXN pins. The interpolator and clock recovery circuit locks to
the data stream if the clock to be recovered is within
±100 PPM of the internally generated bit rate clock. The
recovered clock is used to retime the input data stream. The serial data is then clocked into the serial-to-parallel
shift registers.
synchronization mode
The deserializer PLL must synchronize to the serializer in order to receive valid data. Synchronization can be
accomplished in one of two ways.
rapid synchronization
The serializer has the capability to send specific SYNC patterns consisting of nine ones and nine zeros,
switching at the input clock rate. The transmission of SYNC patterns enables the deserializer to lock to the
serializer signal within a deterministic time frame. The transmission of SYNC patterns is selected via the SYNC
input on the serializer. Upon receiving a valid SYNC pulse (wider than 6 clock cycles), 1024 cycles of SYNC
pattern are sent.
When the deserializer detects edge transitions at the serial input, it attempts to lock to the embedded clock
information. The deserializer LOCKB output remains inactive while its clock/data recovery (CDR) locks to the
incoming data or SYNC patterns present on the serial input. When the deserializer locks to the serial data, the
LOCKB output goes active. When LOCKB is active, the deserializer outputs represent incoming serial data. One
approach is to tie the deserializer LOCKB output directly to the SYNC input of the transmitter. This assures that
enough SYNC patterns are sent to achieve deserializer lock.
random lock synchronization
The deserializer can attain lock to a data stream without requiring the serializer to send special SYNC patterns.
This allows the TLK1521 to operate in open-loop applications. Equally important is the deserializer’s ability to
support hot insertion into a running backplane. In the open-loop or hot-insertion case, it is assumed the data
stream is essentially random. Therefore, because lock time varies due to data stream characteristics, the exact
lock time cannot be predicted. The primary constraint on the random lock time is the initial phase relation
between the incoming data and the GTX_CLK when the deserializer powers up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com