Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1521 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLK1521
Description  500 Mbps to 1.3 Gbps TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1521 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLK1521 Datasheet HTML 9Page - Texas Instruments TLK1521 Datasheet HTML 10Page - Texas Instruments TLK1521 Datasheet HTML 11Page - Texas Instruments TLK1521 Datasheet HTML 12Page - Texas Instruments TLK1521 Datasheet HTML 13Page - Texas Instruments TLK1521 Datasheet HTML 14Page - Texas Instruments TLK1521 Datasheet HTML 15Page - Texas Instruments TLK1521 Datasheet HTML 16Page - Texas Instruments TLK1521 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TLK1521
500 Mbps to 1.3 Gbps TRANSCEIVER
SLLS591A− OCTOBER 2003 − REVISED JANUARY 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
transmitter/receiver characteristics
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VOD(p)
VOD(p) = |VTXP-VTXN|,
Preemphasis VOD
DC-coupled. Preemphasis = high, See Figure 8
730
945
1280
mV
VOD(pp−p)
Differential, peak to-peak output
voltage with preemphasis
DC-coupled. Preemphasis = high, See Figure 8
1460
1890
2560
mV
VOD(d)
VD(d) = |VTXP-VTXN|,
De-emphasis VOD
DC-coupled. Preemphasis = low, See Figure 8
560
750
1100
mV
VOD(pp−d)
Differential, peak-to-peak output
voltage with deemphasis
DC-coupled. Preemphasis = low, See Figure 8
1120
1500
2200
mV
V(cmt)
Transmit termination voltage range,
(VTXP + VTXN)/2
1000
1250
1400
mV
VID
Receiver input voltage differential
VID= |RXP – RXN|
200
mV
Vcmr
Receiver common-mode voltage
range, (VRXP + VRXN)/2
1000
VDD−
350
mV
Iin
Receiver input leakage
−10
10
µA
Cin
Receiver input capacitance
2
pF
tr, tf
Differential output signal rise and
fall time (20% to 80%)
RL = 50 Ω, CL = 5 pF, See Figure 9
100
150
ps
Serial transmit data total jitter
(peak-to-peak)
Differential output jitter, random + deterministic,
223−1 PRBS pattern at 1.3 Gbps
0.1
UI
Receive jitter tolerance
Total input jitter, PRBS pattern, permitted eye
closure at zero crossing
0.5
UI
Tlatency
TX latency
At 500 Mbps
17
19
Bit
Tlatency
TX latency
At 1.3 Gbps
17
20
Bit
times
Rlatency
RX latency
At 500 Mbps
88
92
Bit
Rlatency
RX latency
At 1.3 Gbps
90
96
Bit
times
VOD(d)
VOD(p)
V(cmt)
VOD(p)
VOD(d)
Bit
Time
Bit
Time
tr
tf
VOD(pp_p)
VOD(pp_d)
Figure 8. Differential and Common-Mode Output Voltage Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com