Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1521 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLK1521
Description  500 Mbps to 1.3 Gbps TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1521 Datasheet(HTML) 3 Page - Texas Instruments

  TLK1521 Datasheet HTML 1Page - Texas Instruments TLK1521 Datasheet HTML 2Page - Texas Instruments TLK1521 Datasheet HTML 3Page - Texas Instruments TLK1521 Datasheet HTML 4Page - Texas Instruments TLK1521 Datasheet HTML 5Page - Texas Instruments TLK1521 Datasheet HTML 6Page - Texas Instruments TLK1521 Datasheet HTML 7Page - Texas Instruments TLK1521 Datasheet HTML 8Page - Texas Instruments TLK1521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TLK1521
500 Mbps to 1.3 Gbps TRANSCEIVER
SLLS591A− OCTOBER 2003 − REVISED JANUARY 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
LOOPEN
DINRXN
DINRXP
PREEMPH
Recovered
Clock
DOUTTXP
DOUTTXN
LOCKB
RX_CLK
TD(0−17)
RD(0−17)
Multiplying
Clock
Synthesizer
Interpolator and
Clock Recovery
ENABLE
18
TESTEN
20
Controls:
PLL,Bias,Rx,
Tx
GTX_CLK
Parallel to
Serial
MUX
MUX
Serial to
Parallel
20
18
Start/Stop
Decoder
Bit
Clock
Bit
Clock
Start/Stop
Encoder
transmit interface
The transmitter portion registers valid incoming 18-bit wide data (TXD[0:17]) on the rising edge of GTX_CLK.
The data is then framed with a start and a stop bit, serialized and transmitted sequentially over the differential
high-speed I/O channel. The clock multiplier multiplies the reference clock (GTX_CLK) by a factor of 10 times
creating a bit clock. This internal bit clock is fed to the parallel-to-serial shift register, which transmits data on
both the rising and falling edges of the bit clock providing a serial data rate that is 20 times the reference clock.
Data is transmitted LSB (D0) first.
transmit data bus
The transmit bus interface accepts 18-bit wide single-ended TTL parallel data at the TXD[0:17] pins. Data is
valid on the rising edge of GTX_CLK. The GTX_CLK is used as the word clock. The data and clock signals must
be properly aligned as shown in Figure 1. Detailed timing information can be found in the TTL input electrical
characteristics table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com