Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1521 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLK1521
Description  500 Mbps to 1.3 Gbps TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1521 Datasheet(HTML) 4 Page - Texas Instruments

  TLK1521 Datasheet HTML 1Page - Texas Instruments TLK1521 Datasheet HTML 2Page - Texas Instruments TLK1521 Datasheet HTML 3Page - Texas Instruments TLK1521 Datasheet HTML 4Page - Texas Instruments TLK1521 Datasheet HTML 5Page - Texas Instruments TLK1521 Datasheet HTML 6Page - Texas Instruments TLK1521 Datasheet HTML 7Page - Texas Instruments TLK1521 Datasheet HTML 8Page - Texas Instruments TLK1521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TLK1521
500 Mbps to 1.3 Gbps TRANSCEIVER
SLLS591A− OCTOBER 2003 − REVISED JANUARY 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
GTX_CLK
TXDn
tsu
th
Figure 1. Transmit Timing Waveform
transmission latency
The data transmission latency of the TLK1521 is defined as the delay from the initial 18-bit word load to the serial
transmission of bit 0. The transmit latency is fixed once the link is established. However, due to silicon process
variations and implementation variables such as supply voltage and temperature, the exact delay varies slightly.
Figure 2 illustrates the timing relationship between the transmit data bus, GTX_CLK, and serial transmit pins.
16-Bit Word to Transmit
Transmitted 20-Bit Word
DOUTTXP,
DOUTTXN
TXD(0−17)
GTX_CLK
td(Tx latency)
Figure 2. Transmitter Latency
start/stop framing logic
All true serial interfaces require a method of encoding to insure minimum transition density so that the receiving
PLL has a minimal number of transitions in which to stay locked onto the data stream. The signal coding also
provides a mechanism for the receiver to identify the byte boundary for correct deserialization. The TLK1521
wraps a start bit (1) and a stop bit (0) around the 18-bit data payload as shown in Figure 3. This is transparent
to the user, as the TLK1521 internally adds the framing bits to the data such that the user reads and writes actual
18-bit data.
start/stop framing logic (continued)
...
Start
Bit
Stop
Bit
TD0
TD1
TD16 TD17
Start
Bit
Stop
Bit
Figure 3. Serial Output Data Stream With Start and Stop Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com