Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2980LV Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2980LV
Description  Micropower SOT, 50 mA Low-Voltage Low-Dropout Regulator For Applications With Output Voltages < 2V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980LV Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP2980LV Datasheet HTML 1Page - National Semiconductor (TI) LP2980LV Datasheet HTML 2Page - National Semiconductor (TI) LP2980LV Datasheet HTML 3Page - National Semiconductor (TI) LP2980LV Datasheet HTML 4Page - National Semiconductor (TI) LP2980LV Datasheet HTML 5Page - National Semiconductor (TI) LP2980LV Datasheet HTML 6Page - National Semiconductor (TI) LP2980LV Datasheet HTML 7Page - National Semiconductor (TI) LP2980LV Datasheet HTML 8Page - National Semiconductor (TI) LP2980LV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Operating Junction Temperature
Range
−40˚C to +125˚C
Lead Temperature
(Soldering, 5 sec.)
260˚C
ESD Rating (Note 2)
2 kV
Power Dissipation (Note 3)
Internally Limited
Input Supply Voltage (Survival)
−0.3V to +16V
Input Supply Voltage (Operating)
2.1V to +16V
ON/OFF Input Voltage (Survival)
−0.3V to +16V
Output Voltage (Survival), (Note
4)
−0.3V to +9V
I
OUT (Survival)
Short Circuit Protected
Input-Output Voltage (Survival),
(Note 5)
−0.3V to +16V
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN =VO(NOM) + 1V, IL = 1 mA, CIN = 1 µF, COUT = 4.7 µF, VON/OFF = 2V.
Symbol
Parameter
Conditions
Typ
LP2980LVAI-XX
(Note 6)
LP2980LVI-XX
(Note 6)
Units
Min
Max
Min
Max
∆V
O
Output Voltage
Tolerance
I
L = 1 mA
−0.50
0.50
−1.00
1.00
%V
NOM
1mA < I
L < 50 mA
−0.75
−2.50
0.75
2.50
−1.50
−3.50
1.50
−3.50
Output Voltage Line
Regulation
V
O(NOM) +1V
≤ V
IN
≤
16V
0.007
0.014
0.032
0.014
0.032
%/V
I
GND
Ground Pin Current
I
L =0
65
85
110
85
110
µA
I
L =1 mA
75
95
160
95
160
I
L =10 mA
120
175
325
175
325
I
L =50 mA
280
475
850
475
850
V
ON/OFF < 0.18V
0
11
V
IN(min)
Minimum input voltage
required to maintain
output regulation
I
L =50 mA
2.05
2.20
2.20
V
V
ON/OFF
ON/OFF Input Voltage
(Note 7)
High = O/P ON
1.4
1.6
1.6
V
Low = O/P OFF
0.55
0.18
0.18
I
ON/OFF
ON/OFF Input Current
V
ON/OFF =0
0
−1
−1
µA
V
ON/OFF =5V
5
15
15
I
O(PK)
Peak Output Current
V
OUT
≥ V
O(NOM) − 5%
150
100
100
mA
e
n
Output Noise Voltage
(RMS)
BW = 300 Hz to 50 kHz,
C
OUT =10 µF
125
µV
Ripple Rejection
f = 1kHz C
OUT =10 µF
63
dB
I
O(MAX)
Short Circuit Current
R
L = 0 (Steady State)
(Note 8)
150
mA
Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
Note 2: The ESD rating of pins 3 and 4 is 1 kV.
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJA, and
the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com