Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2980LV Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2980LV
Description  Micropower SOT, 50 mA Low-Voltage Low-Dropout Regulator For Applications With Output Voltages < 2V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980LV Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP2980LV Datasheet HTML 1Page - National Semiconductor (TI) LP2980LV Datasheet HTML 2Page - National Semiconductor (TI) LP2980LV Datasheet HTML 3Page - National Semiconductor (TI) LP2980LV Datasheet HTML 4Page - National Semiconductor (TI) LP2980LV Datasheet HTML 5Page - National Semiconductor (TI) LP2980LV Datasheet HTML 6Page - National Semiconductor (TI) LP2980LV Datasheet HTML 7Page - National Semiconductor (TI) LP2980LV Datasheet HTML 8Page - National Semiconductor (TI) LP2980LV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagrams
5-Lead Small Outline Package (M5)
micro SMD, 5 Bump Package (BPA05)
10109102
Top View
See NS Package Number MF05A
For ordering information see Table 1
10109157
Note: The actual physical placement of the package marking will vary from
part to part. The package marking will designate the date code and will vary
considerably. Package marking does not correlate to device type in any way.
Top View
See NS Package Number BPA05
Pin Descrption
Name
Pin Number
Function
SOT-23
micro SMD
V
IN
1
C3
Input Voltage
GND
2
A1
Common Ground (device substrate)
ON/OFF
3
A3
Logic high enable input
N/C
4
B2
Post package trim - do not connect to this pin
V
OUT
5
C1
Regulated output voltage
Ordering Information
TABLE 1. Package Marking and Ordering Information
Output Voltage
(V)
Grade
Order Information
Package Marking
Supplied as:
1.5V
A
LP2980AIM5X-1.5
LANA
3000 Units on Tape and Reel
1.5V
A
LP2980AIM5-1.5
LANA
1000 Units on Tape and Reel
1.5V
STD
LP2980IM5X-1.5
LANB
3000 Units on Tape and Reel
1.5V
STD
LP2980IM5-1.5
LANB
1000 Units on Tape and Reel
1.8V
A
LP2980AIM5X-1.8
LAGA
3000 Units on Tape and Reel
1.8V
A
LP2980AIM5-1.8
LAGA
1000 Units on Tape and Reel
1.8V
STD
LP2980IM5X-1.8
LAGB
3000 Units on Tape and Reel
1.8V
STD
LP2980IM5-1.8
LAGB
1000 Units on Tape and Reel
For output voltages > 2V, refer to LP2980 datasheet. If a non-standard voltage is required, see LP2980-ADJ.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com