Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2980LV Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2980LV
Description  Micropower SOT, 50 mA Low-Voltage Low-Dropout Regulator For Applications With Output Voltages < 2V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980LV Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2980LV Datasheet HTML 1Page - National Semiconductor (TI) LP2980LV Datasheet HTML 2Page - National Semiconductor (TI) LP2980LV Datasheet HTML 3Page - National Semiconductor (TI) LP2980LV Datasheet HTML 4Page - National Semiconductor (TI) LP2980LV Datasheet HTML 5Page - National Semiconductor (TI) LP2980LV Datasheet HTML 6Page - National Semiconductor (TI) LP2980LV Datasheet HTML 7Page - National Semiconductor (TI) LP2980LV Datasheet HTML 8Page - National Semiconductor (TI) LP2980LV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP2980LV
Micropower SOT, 50 mA Low-Voltage Low-Dropout
Regulator For Applications With Output Voltages < 2V
General Description
The LP2980LV is a 50 mA, fixed-output voltage regulator
designed for high performance in applications requiring out-
put voltages below 2V.
Using an optimized VIP(Vertically Integrated PNP) pro-
cess, the LP2980LV delivers unequalled performance in all
specifications critical to battery-powered designs:
Low Ground Pin Current. Typically 280 µA @ 50 mA load,
and 75 µA @ 1 mA load.
Sleep Mode. Less than 1 µA quiescent current when ON/
OFF pin is pulled low.
Smallest Possible Size. SOT-23 package uses absolute
minimum board space.
Precision Output. 0.5% tolerance output voltages available
(A grade).
Features
n
Guaranteed 50 mA output current
n
Smallest possible size (SOT-23 Package)
n
Requires few external components
n <
1 µA quiescent current when shutdown
n
Low ground pin current at all load currents
n
Output voltage accuracy 0.5% (A Grade)
n
High peak current capability (150 mA typical)
n
Wide supply voltage range (16V max)
n
Fast dynamic response to line and load
n
Low Z
OUT 0.1
Ω typical (10 Hz to 1 MHz)
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
Applications
n
Cellular Phone
n
Palmtop/Laptop Computer
n
Personal Digital Assistant (PDA)
n
Camcorder, Personal Stereo, Camera
Block Diagram
10109101
VIPis a trademark of National Semiconductor Corporation.
March 2005
© 2005 National Semiconductor Corporation
DS101091
www.national.com


Similar Part No. - LP2980LV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
logo
National Semiconductor ...
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2980-ADJ TI1-LP2980-ADJ Datasheet
2Mb / 37P
LP2980-ADJ 16-V, 50-mA, Low-Power, Adjustable Low-Dropout Regulator
REVISED JULY 2023
logo
National Semiconductor ...
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
More results

Similar Description - LP2980LV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
Micropower 50 mA Ultra Low-Dropout Regulator
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2989LV NSC-LP2989LV Datasheet
685Kb / 11P
Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985LV TI-LP2985LV Datasheet
260Kb / 15P
150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
logo
National Semiconductor ...
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2985AIM5X-2.0 TI-LP2985AIM5X-2.0 Datasheet
1Mb / 22P
LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com