Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2980LV Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2980LV
Description  Micropower SOT, 50 mA Low-Voltage Low-Dropout Regulator For Applications With Output Voltages < 2V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980LV Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP2980LV Datasheet HTML 5Page - National Semiconductor (TI) LP2980LV Datasheet HTML 6Page - National Semiconductor (TI) LP2980LV Datasheet HTML 7Page - National Semiconductor (TI) LP2980LV Datasheet HTML 8Page - National Semiconductor (TI) LP2980LV Datasheet HTML 9Page - National Semiconductor (TI) LP2980LV Datasheet HTML 10Page - National Semiconductor (TI) LP2980LV Datasheet HTML 11Page - National Semiconductor (TI) LP2980LV Datasheet HTML 12Page - National Semiconductor (TI) LP2980LV Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C, COUT = 4.7 µF,
CIN = 1µF, ON/OFF pin tied to VIN,VIN =VO(NOM) + 1V, VOUT(NOM) = 1.8V. (Continued)
Ripple Rejection
Input to Output Leakage vs
Temperature
10109112
10109130
Output Reverse Leakage vs
Temperature
Turn-On Waveform
10109131
10109116
Turn-Off Waveform
ON/OFF Pin current vs V
ON/OFF
10109117
10109132
Application Hints
INPUT CAPACITOR
An input capacitor whose capacitance is
≥ 1 µF is required
between the LP2980 input pin and ground (the amount of
capacitance may be increased without limit).
The input capacitor must be located a distance of not more
than 1 cm away from the input pin and returned to a clean
analog ground. Any good quality ceramic, Tantalum, or film
capacitor may be used at the input.
IMPORTANT: Tantalum capacitors may suffer catastrophic
failure due to surge current when connected to a low-
impedance source of power (like a battery or very large
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com