Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA89 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA89
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA89 Datasheet(HTML) 2 Page - Cirrus Logic

  PA89 Datasheet HTML 1Page - Cirrus Logic PA89 Datasheet HTML 2Page - Cirrus Logic PA89 Datasheet HTML 3Page - Cirrus Logic PA89 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
PA89 • PA89A
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
1200V
OUTPUT CURRENT, within SOA
100mA
POWER DISSIPATION, internal at T
C = 25°C
40W
INPUT VOLTAGE, differential
±25V
INPUT VOLTAGE, common mode
±V
S
25V
TEMPERATURE, pin solder - 10s max
300°C
TEMPERATURE, junction2
150°C
TEMPERATURE, storage
–65 to 125°C
OPERATING TEMPERATURE RANGE, case
–55 to 125°C
PA89
PA89A
PARAMETER
TEST CONDITIONS 1
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
.5
2
.25
.5
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
10
30
5
10
µV/°C
OFFSET VOLTAGE, vs. supply
7
*
µV/V
OFFSET VOLTAGE, vs. time
75
*
µV/kh
BIAS CURRENT, initial3
5
50
3
10
pA
BIAS CURRENT,vs. supply
.01
*
pA/V
OFFSET CURRENT, initial3
5
50
3
20
pA
INPUT IMPEDANCE, DC
105
*
MΩ
INPUT CAPACITANCE
4
*
pF
COMMON MODE VOLTAGE RANGE4
Full temperature range
±V
S
50
*
V
COMMON MODE REJECTION, DC
Full temperature range, V
CM = ±90V
96
110
*
*
dB
INPUT NOISE
10kHz BW, R
S = 10K, CC = 15pF
4
µV RMS
GAIN
OPEN LOOP GAIN at 10Hz
R
L = 10k, CC = 15pF
108
120
*
*
dB
GAIN BANDWIDTH PRODUCT
R
L = 10k, CC = 15pF, AV = 100
10
*
MHz
POWER BANDWIDTH
R
L = 10k, CC = 15pF, VO = 500V p-p
5
*
kHz
PHASE MARGIN
Full temperature range, A
V = 10
60
*
°
OUTPUT
VOLTAGE SWING4
I
O = 75mA
±V
S 45
±V
S 30
*
*
V
VOLTAGE SWING4
Full temperature range, I
O = 20mA
±V
S
20 ±V
S 12
*
*
V
CURRENT, continuous
Full temperature range
75
*
mA
SLEW RATE
C
C = 15pF, AV = 100
12
16
*
*
V/µs
CAPACITIVE LOAD, Av = 10
Full temperature range
1
*
nF
CAPACITIVE LOAD, Av>10
Full temperature range
SOA
*
SETTLING TIME to .1%
R
L = 10KΩ, 10V step, Av = 10
2
*
µs
POWER SUPPLY
VOLTAGE, V
S
4
Full temperature range
±75
±500
±600
*
*
*
V
CURRENT, quiescent
4.8
6.0
*
*
mA
THERMAL
RESISTANCE, AC, junction to case5
Full temperature range, F > 60Hz
2.1
2.3
*
*
°C/W
RESISTANCE, DC, junction to case
Full temperature range, F < 60Hz
3.3
3.5
*
*
°C/W
RESISTANCE, junction to air
Full temperature range
15
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
+85
*
*
°C
The PA89 is constructed from MOSFET transistors. ESD handling procedures must be observed.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION
NOTES: *
The specification of PA89A is identical to the specification for PA89 in applicable column to the left.
1. Unless otherwise noted: T
C = 25°C, CC = 68pF, RC = 220Ω, and VS = ±500V. Input parameters for bias currents and offset volt-
age are ± values given.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
3. Doubles for every 10°C of temperature increase.
4. +V
S and –VS denote the positive and negative supply rail respectively.
5. Rating applies only if the output current alternates between both output transistors at a rate faster than 60Hz.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com