Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA89 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA89
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA89 Datasheet(HTML) 4 Page - Cirrus Logic

  PA89 Datasheet HTML 1Page - Cirrus Logic PA89 Datasheet HTML 2Page - Cirrus Logic PA89 Datasheet HTML 3Page - Cirrus Logic PA89 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
OPERATING
CONSIDERATIONS
PA89 • PA89A
GENERAL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.apexmicrotech.com for design tools
that help automate tasks such as calculations for stability,
internal power dissipation, current limit; heat sink selection;
Apex’s complete Application Notes library; Technical Seminar
Workbook; and Evaluation Kits.
STABILITY
Although the PA89 can be operated at unity gain, maximum
slew rate and bandwidth performance was designed to be
obtained at gains of 10 or more. Use the small signal response
and phase response graphs as a guide. In applications where
gains of less than 10 are required, use noise gain compensa-
tion to increase the phase margin of the application circuit as
illustrated in the typical application drawing.
SAFE OPERATING AREA (SOA)
The MOSFET output stage of this power operational ampli-
fier has two distinct limitations:
1. The current handling capability of the MOSFET geometry
and the wire bonds.
2. The junction temperature of the output MOSFETs.
NOTE: The output stage is protected against transient flyback.
However, for protection against sustained, high energy flyback,
external fast-recovery diodes should be used.
SAFE OPERATING CURVES
The safe operating area curves define the maximum ad-
ditional internal power dissipation the amplifier can tolerate
when it produces the necessary output to drive an external
load. This is not the same as the absolute maximum internal
power dissipation listed elsewhere in the specification since
the quiescent power dissipation is significant compared to
the total.
EXTERNAL COMPONENTS
The very high operating voltages of the PA89 demand
consideration of two component specifications rarely of con-
cern in building op amp circuits: voltage rating and voltage
coefficient.
The compensation capacitance C
C must be rated for the
full supply voltage range. For example, with supply voltages
of ±500V the possible voltage swing across C
C is 1000V. In
addition, a voltage coefficient less than 100PPM is recom-
mended to maintain the capacitance variation to less than
5% for this example. It is strongly recommended to use the
highest quality capacitor possible rated at least twice the total
supply voltage range.
Of equal importance are the voltage rating and voltage coef-
ficient of the gain setting resistances. Typical voltage ratings of
low wattage resistors are 150 to 250V. In the above example
1000V could appear across the feedback resistor. This would
require several resistors in series to obtain the proper voltage
rating. Low voltage coefficient resistors will insure good gain
linearity. The wattage rating of the feedback resistor is also of
concern. A 1 megohm feedback resistor could easily develop
1 watt of power dissipation.
Though high voltage rated resistors can be obtained,
a 1 megohm feedback resistor comprised of five 200Kohm,
1/4 watt metal film resistors in series will produce the proper
voltage rating, voltage coefficient and wattage rating.
CURRENT LIMIT
For proper operation the current limit resistor (R
CL) must be
connected as shown in the external connection diagram. The
minimum value is 3.5 ohm, however for optimum reliability the
resistor value should be set as high as possible. The value
is calculated as follows with the maximum practical value of
150 ohms.
.7
R
CL =
I
LIM
When setting the value for R
CL allow for the load current as
well as the current in the feedback resistor. Also allow for the
temperature coefficient of the current limit which is approxi-
mately -0.3% /°C of case temperature rise.
CAUTIONS
The operating voltages of the PA89 are potentially lethal.
During circuit design, develop a functioning circuit at the lowest
possible voltages. Clip test leads should be used for “hands
off” measurements while troubleshooting.
POWER SUPPLY PROTECTION
Unidirectional zener diode transient absorbers are recom-
mended as protection on the supply pins. The zeners clamp
transients to voltages within the power supply rating and also
clamp power supply reversals to ground. Whether the zeners
are used or not, the system power supply should be evaluated
for transient performance including power-on overshoot and
power-off polarity reversals as well as line regulation.
Conditions which can cause open circuits or polarity reversals
on either power supply rail should be avoided or protected
against. Reversals or opens on the negative supply rail is
known to induce input stage failure. Unidirectional transzorbs
prevent this, and it is desirable that they be both electrically
and physically as close to the amplifier as possible.
���
���
��� ���� ����
����������������������������������������
����������
�
��
��
���
���
�
��
��
�����
����
����
�����
�����
����
����
���
���
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA89U REV H MAY 2005 © 2005 Apex Microtechnology Corp.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com