Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA89 Datasheet (PDF) - Cirrus Logic

PA89 Datasheet PDF - Cirrus Logic
Part # PA89
Download  PA89 Download
File Size   245.49 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS

PA89 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA89 Datasheet PDF - Cirrus Logic

Part # PA89
Download  PA89 Click to download

File Size   245.49 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS

PA89 Datasheet (HTML) - Cirrus Logic


PA89 Product details

DESCRIPTION
The PA89 is an ultra high voltage, MOSFET operational amplifier designed for output currents up to 75 mA. Output voltages can swing over 1000V p-p. The safe operating area (SOA) has no second breakdown limitations and can be observed with all types of loads by choosing an appropriate current limiting resistor. High accuracy is achieved with a cascode input circuit configuration and 120dB open loop gain. All internal biasing is referenced to a bootstrapped zener MOSFET current source, giving the PA89 a wide supply range and excellent supply rejection. The MOSFET output stage is biased for class A/B linear operation. External compensation provides user flexibility. The PA89 is 100% gross leak tested to military standards for long term reliability.
This hybrid integrated circuit utilizes a beryllia (BeO) substrate, thick film resistors, ceramic capacitors and semiconductor chips to maximize reliability, minimize size and give top performance. Ultrasonically bonded aluminum wires provide reliable interconnections at all operating temperatures. The MO-127 High Voltage, Power Dip™ package is hermetically sealed and electrically isolated. The use of compressible thermal washers will void the product warranty.

FEATURES
• 1140V P-P SIGNAL OUTPUT
• WIDE SUPPLY RANGE — ±75V to ±600V
• PROGRAMMABLE CURRENT LIMIT
• 75 mA CONTINUOUS OUTPUT CURRENT
• HERMETIC SEALED PACKAGE
• INPUT PROTECTION

APPLICATIONS
• PIEZOELECTRIC POSITIONING
• HIGH VOLTAGE INSTRUMENTATION
• ELECTROSTATIC DEFLECTION
• SEMICONDUCTOR TESTING




Similar Part No. - PA89

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA89 CIRRUS-PA89 Datasheet
210Kb / 5P
High Voltage Power Operational Amplifiers
PA89A CIRRUS-PA89A Datasheet
210Kb / 5P
High Voltage Power Operational Amplifiers
More results


Similar Description - PA89

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com