Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA89 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA89
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA89 Datasheet(HTML) 1 Page - Cirrus Logic

  PA89 Datasheet HTML 1Page - Cirrus Logic PA89 Datasheet HTML 2Page - Cirrus Logic PA89 Datasheet HTML 3Page - Cirrus Logic PA89 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
EXTERNAL CONNECTIONS
TYPICAL APPLICATION
Ultra-high voltage capability combined with the bridge ampli-
fier configuration makes it possible to develop +/–1000 volt
peak swings across a piezo element. A high gain of –50 for
A1 insures stability with the capacitive load, while “noise-gain”
compensation Rn and Cn on A2 insure the stability of A2 by
operating in a noise gain of 50.
��
����
��
����
�
���
�����
� ��
�����
����������
���
�
�����
�����
�����
�����������������������������
���
��
PATENTED
PHASE COMPENSATION
Gain
C
C
R
C
1
470pF
470Ω
10
68pF
220Ω
15
33pF
220Ω
100
15pF
220Ω
Note: C
C must be rated for full supply voltage –Vs to +Vs.
See details under “EXTERNAL COMPONENTS”.
���
����
���
���
���
���
�����
�����
��������
��������
������������������
������������������
��
���
�
��
� �
�
������
��
�������
��
� ���
��
�
�
�
�
�
�
��
��
��
�
�
�
���
����
FEATURES
• 1140V P-P SIGNAL OUTPUT
• WIDE SUPPLY RANGE — ±75V to ±600V
• PROGRAMMABLE CURRENT LIMIT
• 75 mA CONTINUOUS OUTPUT CURRENT
• HERMETIC SEALED PACKAGE
• INPUT PROTECTION
APPLICATIONS
• PIEZOELECTRIC POSITIONING
• HIGH VOLTAGE INSTRUMENTATION
• ELECTROSTATIC DEFLECTION
• SEMICONDUCTOR TESTING
DESCRIPTION
The PA89 is an ultra high voltage, MOSFET operational
amplifier designed for output currents up to 75 mA. Output
voltages can swing over 1000V p-p. The safe operating area
(SOA) has no second breakdown limitations and can be
observed with all types of loads by choosing an appropriate
current limiting resistor. High accuracy is achieved with a
cascode input circuit configuration and 120dB open loop gain.
All internal biasing is referenced to a bootstrapped zener-
MOSFET current source, giving the PA89 a wide supply range
and excellent supply rejection. The MOSFET output stage is
biased for class A/B linear operation. External compensation
provides user flexibility. The PA89 is 100% gross leak tested
to military standards for long term reliability.
This hybrid integrated circuit utilizes a beryllia (BeO) sub-
strate, thick film resistors, ceramic capacitors and semiconduc-
tor chips to maximize reliability, minimize size and give top
performance. Ultrasonically bonded aluminum wires provide
reliable interconnections at all operating temperatures. The
MO-127 High Voltage, Power Dip™ package is hermetically
sealed and electrically isolated. The use of compressible
thermal washers will void the product warranty.
SIMPLIFIED SCHEMATIC
�
�
�
�
�
�
��
�
���
���
����
�
���
���
���
�
��
��
��
���
���
���
���
���
����
����
���
���
���
���
���
��
���
���
���
���
���
��
��������������������������������������������������������������
� � � � � � � � � � � � � � �
�����������������������������������������
������������
HIGH VOLTAGE MO-127
PACKAGE STYLE DC


Similar Part No. - PA89

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA89 CIRRUS-PA89 Datasheet
210Kb / 5P
High Voltage Power Operational Amplifiers
PA89A CIRRUS-PA89A Datasheet
210Kb / 5P
High Voltage Power Operational Amplifiers
More results

Similar Description - PA89

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com