Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3981 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3981
Description  Micropower, 300mA Ultra Low-Dropout CMOS Voltage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3981 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3981 Datasheet HTML 1Page - National Semiconductor (TI) LP3981 Datasheet HTML 2Page - National Semiconductor (TI) LP3981 Datasheet HTML 3Page - National Semiconductor (TI) LP3981 Datasheet HTML 4Page - National Semiconductor (TI) LP3981 Datasheet HTML 5Page - National Semiconductor (TI) LP3981 Datasheet HTML 6Page - National Semiconductor (TI) LP3981 Datasheet HTML 7Page - National Semiconductor (TI) LP3981 Datasheet HTML 8Page - National Semiconductor (TI) LP3981 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Ordering Information
For LLP-6 Package
Output
Voltage (V)
Grade
LP3981 Supplied as 1000
Units, Tape and Reel
LP3981 Supplied as 4500
Units, Tape and Reel
Package Marking
2.5
STD
LP3981ILD-2.5
LP3981ILDX-2.5
LO1UB
2.7
STD
LP3981ILD-2.7
LP3981ILDX-2.7
LO1VB
2.8
STD
LP3981ILD-2.8
LP3981ILDX-2.8
LO1ZB
2.83
STD
LP3981ILD-2.83
LP3981ILDX-2.83
L01SB
3.0
STD
LP3981ILD-3.0
LP3981ILDX-3.0
L017B
3.03
STD
LP3981ILD-3.03
LP3981ILDX-3.03
LO1YB
3.3
STD
LP3981ILD -3.3
LP3981ILDX-3.3
LO1XB
For MSOP-8 Package
Output
Voltage (V)
Grade
LP3981 Supplied as 1000
Units, Tape and Reel
LP3981 Supplied as 3500
Units, Tape and Reel
Package Marking
2.5
STD
LP3981IMM-2.5
LP3981IMMX-2.5
LFKB
2.7
STD
LP3981IMM-2.7
LP3981IMMX-2.7
LFLB
2.8
STD
LP3981IMM-2.8
LP3981IMMX-2.8
LFTB
2.83
STD
LP3981IMM-2.83
LP3981IMMX-2.83
LDUB
3.0
STD
LP3981IMM-3.0
LP3981IMMX-3.0
LF3B
3.03
STD
LP3981IMM-3.03
LP3981IMMX-3.03
LFPB
3.3
STD
LP3981IMM-3.3
LP3981IMMX-3.3
LFNB
*Please contact factory regarding the availability of voltage options not listed here.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com