Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3981 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3981
Description  Micropower, 300mA Ultra Low-Dropout CMOS Voltage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3981 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3981 Datasheet HTML 1Page - National Semiconductor (TI) LP3981 Datasheet HTML 2Page - National Semiconductor (TI) LP3981 Datasheet HTML 3Page - National Semiconductor (TI) LP3981 Datasheet HTML 4Page - National Semiconductor (TI) LP3981 Datasheet HTML 5Page - National Semiconductor (TI) LP3981 Datasheet HTML 6Page - National Semiconductor (TI) LP3981 Datasheet HTML 7Page - National Semiconductor (TI) LP3981 Datasheet HTML 8Page - National Semiconductor (TI) LP3981 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN,VEN
−0.3 to 6.5V
V
OUT,VOUT-SENSE
−0.3 to V
IN + 0.3,
Max 6.5V
Junction Temperature
150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temp.
Pad Temp.
Power Dissipation (Note 3)
θ
JA (MSOP-8)
θ
JA (LLP-6)
210˚C/W
50˚C/W
Maximum Power Dissipation at 25˚C
MSOP-8
LLP-6
595mW
2.5W
ESD Rating(Note 4)
Human Body Model
Machine Model
2kV
200V
Operating Ratings (Notes 1, 2)
V
IN
2.7 to 6V
V
EN
0toV
IN
Junction Temperature
−40˚C to +125˚C
Maximum Power Dissipation (Note 5)
MSOP-8
LLP-6
476mW
2.0W
Electrical Characteristics
Unless otherwise specified: V
EN = 1.2V, VIN =VOUT + 0.5V, CIN = 2.2 µF, CBP = 0.033 µF, IOUT = 1mA, COUT = 2.2 µF. Typi-
cal values and imits appearing in standard typeface are for T
J = 25˚C. Limits appearing in boldface type apply over the entire
junction temperature range for operation, −40˚C to +125˚C. (Notes 6, 7)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
∆V
OUT
Output Voltage
Tolerance
−2
−3
2
3
%of
V
OUT(nom)
Line Regulation Error
V
IN =VOUT + 0.5V to 6.0V, TA <
+85˚C
0.005
−0.1
0.1
%/V
V
IN =VOUT + 0.5V to 6.0V, TJ
≤125˚C
−0.2
0.2
%/V
Load Regulation Error
(Note 8)
I
OUT = 1 mA to 300 mA
0.0003
0.005
%/mA
PSRR
Power Supply Rejection Ratio
(Note 10)
V
IN =VOUT(nom) + 1V,
f = 1 kHz,
I
OUT = 50mA(Figure 2)
50
dB
V
IN =VOUT(nom) + 1V,
f = 10 kHz,
I
OUT = 50mA(Figure 2)
55
I
Q
Quiescent Current
V
EN = 1.2V, IOUT = 1 mA
70
120
µA
V
EN = 1.2V, IOUT = 1 to 300 mA,
V
OUT = 2.5V(Note 12)
170
210
V
EN = 0.4V
0.003
1.5
Dropout Voltage (Note 9)
I
OUT =1mA
0.5
5
mV
I
OUT = 200 mA
88
133
I
OUT = 300 mA
132
200
I
SC
Short Circuit Current Limit
Output Grounded
(Steady State)
600
mA
e
n
Output Noise Voltage
BW = 10 Hz to 100 kHz,
C
BP = 0.033µF
35
µVrms
TSD
Thermal Shutdown Temperature
160
˚C
Thermal Shutdown Hysteresis
20
˚C
I
OUT(PK)
Peak Output Current
V
OUT
≥ V
OUT (nom) - 5%
455
300
I
EN
Maximum Input Current at V
EN
V
EN = 0 and VIN
0.001
µA
V
IL
Logic Low Input threshold
V
IN = 2.7 to 6.0V
0.4
V
V
IH
Logic High Input threshold
V
IN = 2.7 to 6.0V
1.4
V
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com