Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3981 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3981
Description  Micropower, 300mA Ultra Low-Dropout CMOS Voltage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3981 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3981 Datasheet HTML 1Page - National Semiconductor (TI) LP3981 Datasheet HTML 2Page - National Semiconductor (TI) LP3981 Datasheet HTML 3Page - National Semiconductor (TI) LP3981 Datasheet HTML 4Page - National Semiconductor (TI) LP3981 Datasheet HTML 5Page - National Semiconductor (TI) LP3981 Datasheet HTML 6Page - National Semiconductor (TI) LP3981 Datasheet HTML 7Page - National Semiconductor (TI) LP3981 Datasheet HTML 8Page - National Semiconductor (TI) LP3981 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP3981
Micropower, 300mA Ultra Low-Dropout CMOS Voltage
Regulator
General Description
The LP3981’s performance is optimized for battery powered
systems to deliver ultra low noise, extremely low dropout
voltage and low quiescent current. Regulator ground current
increases only slightly in dropout, further prolonging the
battery life.
Power supply rejection is better than 60 dB at low frequen-
cies. This high power supply rejection is maintained down to
lower input voltage levels common to battery operated cir-
cuits.
The device is ideal for mobile phone and similar battery
powered wireless applications. It provides up to 300 mA,
from a 2.5V to 6V input, consuming less than 1µA in disable
mode.
The LP3981 is available in MSOP-8 package. For LP3981 in
LLP-6 package, contact NSC sales offices. Performance is
specified for −40˚C to +125˚C temperature range. The de-
vice available in the following output voltages; 2.5V, 2.7V,
2.8V, 2.83V, 3.0V, 3.03V and 3.3V as standard. Other output
options can be made available, please contact your local
NSC sales office.
Key Specifications
n
2.5 to 6.0V input range
n
300mA guaranteed output
n
60dB PSRR at 1kHz
n
≤1µA quiescent current when shut down
n
Fast Turn-On time: 120 µs (typ.) with C
BYPASS = 0.01uF
n
132mV typ dropout with 300mA load
n
35µVrms output noise over 10Hz to 100kHz
n
−40 to +125˚C junction temperature range for operation
n
2.5V, 2.7V, 2.8V, 2.83V, 3.0V, 3.03V, and 3.3V outputs
standard
Features
n
Small, space saving MSOP-8
n
Low Thermal Resistance in LLP-6 package gives
excellent power capability
n
Logic controlled enable
n
Stable with ceramic and high quality tantalum capacitors
n
Fast turn-on
n
Thermal shutdown and short-circuit current limit
Applications
n
CDMA cellular handsets
n
Wideband CDMA cellular handsets
n
GSM cellular handsets
n
Portable information appliances
n
Tiny 3.3V ± 5% to 2.5V, 300mA converter
Typical Application Circuit
20020302
Note: Pin Numbers in parenthesis indicate LLP-6 package.
March 2003
© 2003 National Semiconductor Corporation
DS200203
www.national.com


Similar Part No. - LP3981

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3981 POWER-LP3981 Datasheet
348Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
Texas Instruments
LP3981 TI-LP3981 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI1-LP3981 Datasheet
1Mb / 25P
Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
Micropower, 300mA Low Dropout CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
300mA CMOS Low Dropout Voltage Regulator
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350 Datasheet
161Kb / 5P
300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
logo
Texas Instruments
LP3981IMM-3.3 TI-LP3981IMM-3.3 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-2.5 TI-LP3981IMM-2.5 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981ILD-3.3 TI-LP3981ILD-3.3 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
300mA low dropout CMOS voltage regulator
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
300mA low dropout CMOS voltage regulator
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com